Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1888425-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1888425-1
Description  SFP Solutions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1888425-1 Datasheet(HTML) 3 Page - Tyco Electronics

  1888425-1 Datasheet HTML 1Page - Tyco Electronics 1888425-1 Datasheet HTML 2Page - Tyco Electronics 1888425-1 Datasheet HTML 3Page - Tyco Electronics 1888425-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
te.com/products/sfp
SFP Solutions
TE Connectivity
Heatsinks
PN
Description
1367646-1
HeatSinkClip
1829903-2
PCIHeatSink(4.2mm)
1829903-2
SANHeatSink(6.5mm)
1829905-2
NetworkingHeatSink(13.5mm)
Note : OnlyforusewithcagePN1367643-1
Frequently asked questions
What is belly-to-belly mounting?
Belly-to-bellymountingallowsacustomertoinstall
connectorsandcagesonbothsidesofaPCB.Thisdesign
reducesboardspaceandisanalternativesolutionto
stackedconnectors.
If I am currently using SFP cabling, can I use
SFP+ host board configurations?
Yes.SFP+configurationssupporthigherrates.Youcan
designSFP+productsinthehostboardforfuture
upgrades.
What data rate does SFP support?
SFPsupportsupto4Gb/s.
What are the PCB termination options?
Cagesareofferedinpress-fitandsolderPCBtermination
styles.
Is TE’s footprint compatible with other suppliers?
Itdepends.Thesingleportcagesaredesignedtoindustry
standards.Thegangedversionsarenotcompatiblewithall
othersources.
Are heat sinks available?
Yes.Ridingheatsinktechnologyisavailablefor
thermalmanagement.
Is application tooling required?
Singleportassembliesdonotrequireapplicationtooling,
yetgangedassembliesdorequireapplicationtooling.
Direct Attach Copper Cable Assemblies
PN
Description
Dash to Length (meters)
0.5
1
2
3
4
5
6
1902495
2.5GbpsPassive
-1
-2
-3
-4
-5
-6
-7
1948134
4.25GbpsPassive
-1
-2
-3
-4
-5
-4
-5
1948135
4.25GbpsActive
-1
-2
-3
-4
-5
-6
Cable Assembly Features and Benefits
20PositionPCBinterface
Dataratesfrom2.5to4.25Gbps
Robustpulltoreleaselatchmechanism
BreakoutcablestoCX4andHSSDC2areavailable
CompatiblewithMSAcompliantSFPcages
UsesMADISONCABLEbrandTURBOTWINcoppercable


Similar Part No. - 1888425-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1888409 PHOENIX-1888409 Datasheet
56Kb / 4P
   PCB terminal block - MK3DSMH 3/ 3-5,08 BK
logo
Tyco Electronics
1888481-1 MACOM-1888481-1 Datasheet
491Kb / 3P
   XFP Products
logo
TE Connectivity Ltd
1888481-1 TEC-1888481-1 Datasheet
247Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1888481-2 MACOM-1888481-2 Datasheet
491Kb / 3P
   XFP Products
logo
TE Connectivity Ltd
1888481-2 TEC-1888481-2 Datasheet
247Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1888425-1

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HFD04-097-05L10 RMT-HFD04-097-05L10 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD03-040-05L06 RMT-HRD03-040-05L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC04-126-05D20 RMT-HTC04-126-05D20 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HRD02-040-05L04 RMT-HRD02-040-05L04 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTC06-284-08D40 RMT-HTC06-284-08D40 Datasheet
1Mb / 5P
   Thermoelectric Solutions
logo
Bright View Electronic ...
BVZ-925BA4 BVLED-BVZ-925BA4 Datasheet
122Kb / 11P
   LED solutions
logo
RMT Ltd.
HTC06-126-08D25 RMT-HTC06-126-08D25 Datasheet
1Mb / 5P
   Thermoelectric Solutions
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com