Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7389MX1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7389MX1
Description  3-Phase Half-Bridge Gate-Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7389MX1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7389MX1 Datasheet HTML 1Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 2Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 3Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 4Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 5Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 6Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 7Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 8Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7389 • Rev. 1.0.3
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA=25°C, unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
VS
High-Side Floating Offset Voltage
VB1,2,3-25.0
VB1,2,3+0.3
V
VB
High-Side Floating Supply Voltage
-0.3
625.0
V
VDD
Low-Side and Logic-Fixed Supply Voltage
-0.3
25.0
V
VHO
High-Side Floating Output Voltage VHO1,2,3
VS1,2,3-0.3
VB1,2,3+0.3
V
VLO
Low-Side Floating Output Voltage VLO1,2,3
-0.3
VDD+0.3
V
VIN
Input Voltage (HINx, LINx, CS, and EN)
-0.3
5.5
V
VFO
Fault Output Voltage (
)
-0.3
VDD+0.3
V
PWHIN
High-Side Input Pulse Width
500
ns
dVS/dt
Allowable Offset Voltage Slew Rate
±50
V/ns
PD
Power Dissipation
(2,3,4)
1.4
W
θJA
Thermal Resistance
70
°C/W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55
150
°C
Notes:
2.
Mounted on 76.2 x 114.3 x 1.6 mm PCB (FR-4 glass epoxy material).
3.
Refer to the following standards:
JESD51-2: Integral circuits thermal test method environmental conditions - natural convection
JESD51-3: Low effective thermal conductivity test board for leaded surface-mount packages.
4.
Do not exceed PD under any circumstances.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VB1,2,3
High-Side Floating Supply Voltage
VS1,2,3+10
VS1,2,3+20
V
VS1,2,3
High-Side Floating Supply Offset Voltage
6-VDD
600
V
VDD
Low-Side and Logic Fixed Supply Voltage
10
20
V
VHO1,2,3
High-Side Output Voltage
VS1,2,3
VB1,2,3
V
VLO1,2,3
Low-Side Output Voltage
COM
VDD
V
VFO
Fault Output Voltage (
)
COM
VDD
V
VCS
Current-Sense Pin Input Voltage
COM
5
V
VIN
Logic Input Voltage (HIN1,2,3 and LIN1,2,3)
COM
5
V
VSS
Logic Ground
-5
5
V
TA
Ambient Temperature
-40
+125
°C
FO
FO


Similar Part No. - FAN7389MX1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7389MX1 FAIRCHILD-FAN7389MX1_12 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
More results

Similar Description - FAN7389MX1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73892 FAIRCHILD-FAN73892 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73893 ONSEMI-FAN73893 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73894 ONSEMI-FAN73894 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
FAN7389 FAIRCHILD-FAN7389 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73895 ONSEMI-FAN73895 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
FAN7390 ONSEMI-FAN7390 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
July 2012 Rev. 1.0.6
FAN7888 ONSEMI-FAN7888 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
April 2016 Rev. 1.5
logo
Fairchild Semiconductor
FAN7888 FAIRCHILD-FAN7888 Datasheet
1Mb / 14P
   3 Half-Bridge Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com