Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7389MX1 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7389MX1
Description  3-Phase Half-Bridge Gate-Drive IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7389MX1 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7389MX1 Datasheet HTML 1Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 2Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 3Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 4Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 5Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 6Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 7Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 8Page - Fairchild Semiconductor FAN7389MX1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7389 • Rev. 1.0.3
5
Electrical Characteristics
VBIAS (VDD, VBS1,2,3) = 15.0 V and TA = 25°C unless otherwise specified. The VIN and IIN parameters are referenced to
COM and are applicable to all six channels. The VO and IO parameters are referenced to VS1,2,3 and COM and are
applicable to the respective output leads: HO1,2,3 and LO1,2,3. The VDDUV parameters are referenced to COM. The
VBSUV parameters are referenced to VS1,2,3.
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
Low-Side Power Supply Section
IQDD
Quiescent VDD Supply Current
VLIN1,2,3=0 V or 5 V, EN=0 V
200
μA
IPDD
Operating VDD Supply Current
fLIN1,2,3=20 kHz, rms Value
400
μA
VDDUV+
VDD Supply Under-Voltage Positive-Going
Threshold
VDD=Sweep
7.5
8.5
9.3
V
VDDUV-
VDD Supply Under-Voltage Negative-Going
Threshold
VDD=Sweep
7.0
8.0
8.7
V
VDDHYS
VDD Supply Under-Voltage Lockout
Hysteresis
VDD=Sweep
0.5
V
Bootstrapped Power Supply Section
VBSUV+
VBS Supply Under-Voltage Positive-Going
Threshold
VBS1,2,3=Sweep
7.5
8.5
9.3
V
VBSUV-
VBS Supply Under-Voltage Negative-Going
Threshold
VBS1,2,3=Sweep
7.0
8.0
8.7
V
VBSHYS
VBS Supply Under-Voltage Lockout
Hysteresis
VBS1,2,3=Sweep
0.5
V
ILK
Offset Supply Leakage Current
VB1,2,3=VS1,2,3=600 V
10
μA
IQBS
Quiescent VBS Supply Current
VHIN1,2,3=0V or 5 V, EN=0V
10
50
80
μA
IPBS
Operating VBS Supply Current
fHIN1,2,3=20 kHz, rms Value
200
420
480
μA
Gate Driver Output Section
VOH
High-Level Output voltage, VBIAS-VO
IO=0 mA (No Load)
100
mV
VOL
Low-Level Output voltage, VO
IO=0 mA (No Load)
100
mV
IO+
Output HIGH Short-Circuit Pulse Current
(5)
VO=0 V, VIN=5 V with PW
≤10 µs
250
350
mA
IO-
Output LOW Short-Circuit Pulsed Current
(5)
VO=15 V, VIN=0 V with
PW
≤10 µs
500
650
mA
VS
Allowable Negative VS Pin Voltage for HIN
Signal Propagation to HO
-9.8
-7.0
V
Logic Input Section
VIH
Logic "1" Input Voltage HIN1,2,3, LIN1,2,3
2.5
V
VIL
Logic "0" Input Voltage HIN1,2,3, LIN1,2,3
0.8
V
IIN+
Logic Input Bias Current (HO=LO=HIGH)
VIN=5 V
100
μA
IIN-
Logic Input Bias Current (HO=LO=LOW)
VIN=0 V
2
μA
RIN
Logic Input Pull-Down Resistance
50
K
Ω
Enable Control Section (EN)
VEN+
Enable Positive-Going Threshold Voltage
2.5
V
VEN-
Enable Negative-Going Threshold Voltage
0.8
V
IEN+
Logic Enable “1” Input Bias Current
VEN=5 V (Pull-Down=150K
Ω)
33
μA
IEN-
Logic Enable “0” Input Bias Current
VEN=0 V
2
μA
Continued on the following page…


Similar Part No. - FAN7389MX1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7389MX1 FAIRCHILD-FAN7389MX1_12 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
More results

Similar Description - FAN7389MX1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73892 FAIRCHILD-FAN73892 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73893 ONSEMI-FAN73893 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73894 ONSEMI-FAN73894 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
January 2016 Rev.1.1
FAN73896 ONSEMI-FAN73896 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
logo
Fairchild Semiconductor
FAN7389 FAIRCHILD-FAN7389_12 Datasheet
1Mb / 17P
   3-Phase Half-Bridge Gate-Drive IC
FAN7389 FAIRCHILD-FAN7389 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73895 ONSEMI-FAN73895 Datasheet
2Mb / 18P
   3-Phase Half-Bridge Gate-Drive IC
October 2015 Rev.1.0
FAN7390 ONSEMI-FAN7390 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
July 2012 Rev. 1.0.6
FAN7888 ONSEMI-FAN7888 Datasheet
1Mb / 15P
   3 Half-Bridge Gate-Drive IC
April 2016 Rev. 1.5
logo
Fairchild Semiconductor
FAN7888 FAIRCHILD-FAN7888 Datasheet
1Mb / 14P
   3 Half-Bridge Gate-Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com