Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSOD323-T15L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CDSOD323-T15L
Description  CDSOD323-TxxLC - TVS Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDSOD323-T15L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CDSOD323-T15L Datasheet HTML 1Page - Bourns Electronic Solutions CDSOD323-T15L Datasheet HTML 2Page - Bourns Electronic Solutions CDSOD323-T15L Datasheet HTML 3Page - Bourns Electronic Solutions CDSOD323-T15L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
10,000
1,000
100
10
1
0.1
10
100
10,000
1,000
td – Pulse Duration (µs)
350 W, 8/20 µs Waveform
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDSOD323-TxxLC - TVS Diode Series
Performance Graphs
Block Diagram
How to Order
CD SOD323 - T 05 LC
Common Code
Chip Diode
Package
• SOD323 = SOD-323 Package
Model
T = Transient Voltage Suppressor
Working Peak Reverse Voltage
05 = 5 VRWM (Volts)
Suffix
L = Ultralow Capacitance Unidirectional Diode
LC = Ultralow Capacitance Bidirectional Diode
Peak Pulse Power vs. Pulse Time
Pulse Waveform
Notes:
1. Part numbers with suffix “C” indicate bidirectional device, i.e. CDSOD323-T05LC.
2. For bidirectional devices only, the electrical specifications apply in both directions.
3. Unidirectional only: Positive potential is applied from pin 1 to 2.
Parameter
Symbol
CDSOD323-
Unit
Uni-
T15L
Bi-
T15LC
Uni-
T18L
Bi-
T18LC
Uni-
T24L
Bi-
T24LC
Min. Breakdown Voltage @ 1 mA
VBR
16.7
16.7
20.0
20.0
26.7
26.7
V
Working Peak Voltage
VM
15.0
15.0
18.0
18.0
24.0
24.0
V
Maximum Clamping Voltage @ IP = 1 A
VC
24.0
24.0
29.0
29.0
43.0
43.0
V
Typical Clamping Voltage
@ 8/20 µs @ IPP
VC
31.8 V
@ 10 A
31.8 V
@ 10 A
45.0 V
@ 8 A
45.0 V
@ 8 A
56.0 V
@ 6 A
56.0 V
@ 6 A
V
Maximum Leakage Current @ VWM
ID
1µA
Typical Capacitance @ 0 V, 1 MHz
CJ
1.0
pF
Electrical & Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
1
2
UNIDIRECTIONAL
1
2
BIDIRECTIONAL


Similar Part No. - CDSOD323-T15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOD323-T15 BOURNS-CDSOD323-T15 Datasheet
322Kb / 4P
   CDSOD323-TxxC - TVS Diode Array Series
CDSOD323-T15 BOURNS-CDSOD323-T15 Datasheet
192Kb / 5P
   CDSOD323-TxxC - TVS Diode Array Series
REV. 09/19
logo
Guangdong Youtai Semico...
CDSOD323-T15 UMW-CDSOD323-T15 Datasheet
322Kb / 4P
   Portable communications, computing and video equipment manufacturers are challenging the semiconductor industry to develop increasingly smaller electronic components.
logo
Bourns Electronic Solut...
CDSOD323-T15C BOURNS-CDSOD323-T15C Datasheet
322Kb / 4P
   CDSOD323-TxxC - TVS Diode Array Series
CDSOD323-T15C BOURNS-CDSOD323-T15C Datasheet
192Kb / 5P
   CDSOD323-TxxC - TVS Diode Array Series
REV. 09/19
More results

Similar Description - CDSOD323-T15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOD323-T12L BOURNS-CDSOD323-T12L Datasheet
285Kb / 4P
   CDSOD323-TxxLC - TVS Diode Series
CDSOD323-T05LC BOURNS-CDSOD323-T05LC Datasheet
285Kb / 4P
   CDSOD323-TxxLC TVS Diode Series
CDSOD323-T03LC BOURNS-CDSOD323-T03LC Datasheet
272Kb / 4P
   CDSOD323-TxxSC - TVS Diode Series
CD0402-T3.3LC BOURNS-CD0402-T3.3LC Datasheet
329Kb / 4P
   CD0402-TxxLC - TVS Diode Array Series
CDSOD323-T03C BOURNS-CDSOD323-T03C Datasheet
322Kb / 4P
   CDSOD323-TxxC - TVS Diode Array Series
CDSOD323-TXXC BOURNS-CDSOD323-TXXC Datasheet
192Kb / 5P
   CDSOD323-TxxC - TVS Diode Array Series
REV. 09/19
CDSOD323-T05S-Q BOURNS-CDSOD323-T05S-Q Datasheet
174Kb / 4P
   CDSOD323-T05S-Q - TVS Diode Series
09/19
CDSOD323-T24C-DSLQ BOURNS-CDSOD323-T24C-DSLQ Datasheet
182Kb / 5P
   CDSOD323-T24C-DSLQ - TVS Diode Series
CDSOT23-TXXLC-Q BOURNS-CDSOT23-TXXLC-Q Datasheet
174Kb / 5P
   CDSOT23-TxxLC-Q - Low Capacitance TVS Diode Array Series
REV. 02/22
CDSOD323-T12C-DSL BOURNS-CDSOD323-T12C-DSL Datasheet
280Kb / 4P
   TVS Diode Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com