Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCH47N60_F133 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCH47N60_F133
Description  N-Channel SuperFET MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH47N60_F133 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCH47N60_F133 Datasheet HTML 1Page - Fairchild Semiconductor FCH47N60_F133 Datasheet HTML 2Page - Fairchild Semiconductor FCH47N60_F133 Datasheet HTML 3Page - Fairchild Semiconductor FCH47N60_F133 Datasheet HTML 4Page - Fairchild Semiconductor FCH47N60_F133 Datasheet HTML 5Page - Fairchild Semiconductor FCH47N60_F133 Datasheet HTML 6Page - Fairchild Semiconductor FCH47N60_F133 Datasheet HTML 7Page - Fairchild Semiconductor FCH47N60_F133 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2009 Fairchild Semiconductor Corporation
FCH47N60 Rev. C1
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
Notes :
1. 250μ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
24
6
8
10
10
0
10
1
10
2
Note
1. V
DS = 40V
2. 250μ s Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
0
20
40
60
80
100
120
140
160
180
200
0.00
0.05
0.10
0.15
0.20
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
0
10
1
10
2
25℃
150℃
Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
V
SD , Source-Drain Voltage [V]
10
-1
10
0
10
1
0
5000
10000
15000
20000
25000
30000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
50
100
150
200
250
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 47A
Q
G, Total Gate Charge [nC]


Similar Part No. - FCH47N60_F133

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH47N60-F133 FAIRCHILD-FCH47N60-F133 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FCH47N60_F133

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FCPF250N65S3L1 ONSEMI-FCPF250N65S3L1 Datasheet
884Kb / 10P
   N-Channel SuperFET MOSFET
May, 2017, Rev. 1.0
FCPF165N65S3L1 ONSEMI-FCPF165N65S3L1 Datasheet
990Kb / 10P
   N-Channel SuperFET MOSFET
March, 2017, Rev. 1.0
FCH040N65S3 ONSEMI-FCH040N65S3 Datasheet
927Kb / 10P
   N-Channel SuperFET MOSFET
January, 2017, Rev. 1.0
FCP190N65S3 ONSEMI-FCP190N65S3 Datasheet
919Kb / 10P
   N-Channel SuperFET MOSFET
June, 2017, Rev. 1.0
FCPF099N65S3 ONSEMI-FCPF099N65S3 Datasheet
899Kb / 10P
   N-Channel SuperFET MOSFET
April, 2017, Rev. 1.0
FCMT099N65S3 ONSEMI-FCMT099N65S3 Datasheet
787Kb / 10P
   N-Channel SuperFET MOSFET
May, 2017, Rev. 1.0
FCPF190N65S3L1 ONSEMI-FCPF190N65S3L1 Datasheet
984Kb / 10P
   N-Channel SuperFET MOSFET
March, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FCPF7N60T FAIRCHILD-FCPF7N60T Datasheet
513Kb / 11P
   N-Channel SuperFET MOSFET
logo
ON Semiconductor
FCP099N65S3 ONSEMI-FCP099N65S3 Datasheet
921Kb / 10P
   N-Channel SuperFET MOSFET
June, 2017, Rev. 1.0
FCPF125N65S3 ONSEMI-FCPF125N65S3 Datasheet
903Kb / 10P
   N-Channel SuperFET MOSFET
April, 2017, Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com