Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMC86106LZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMC86106LZ
Description  N-Channel Shielded Gate PowerTrench MOSFET 100 V, 7.5 A, 103 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC86106LZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMC86106LZ Datasheet HTML 1Page - Fairchild Semiconductor FDMC86106LZ Datasheet HTML 2Page - Fairchild Semiconductor FDMC86106LZ Datasheet HTML 3Page - Fairchild Semiconductor FDMC86106LZ Datasheet HTML 4Page - Fairchild Semiconductor FDMC86106LZ Datasheet HTML 5Page - Fairchild Semiconductor FDMC86106LZ Datasheet HTML 6Page - Fairchild Semiconductor FDMC86106LZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
©2011 Fairchild Semiconductor Corporation
FDMC86106LZ Rev.C1
Figure 7.
01
23
45
0
2
4
6
8
10
ID = 3.3 A
VDD = 75 V
VDD = 25 V
Qg, GATE CHARGE (nC)
VDD = 50 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1
10
100
1000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
10
1
2
3
4
5
6
7
8
9
10
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
0
4
8
12
16
20
24
28
32
36
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
VGS = 0 V
TJ = 125 oC
TJ = 25 oC
V
GS, GATE TO SOURCE VOLTAGE (V)
Gate Leakage Current vs Gate to
Source Voltage
Figure11. MaximumContinuousDrain
Current vs Case Temperature
25
50
75
100
125
150
0
2
4
6
8
10
Limited by package
VGS = 4.5 V
RθJC = 6.5
o
C/W
VGS = 10 V
T
C
, CASE TEMPERATURE (
o
C
)
Figure 12.
0.1
1
10
100
400
0.005
0.01
0.1
1
10
20
100 ms
10 s
10 ms
100 us
DC
1 s
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMC86106LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86106LZ FAIRCHILD-FDMC86106LZ Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 7.5 A, 103 m廓
More results

Similar Description - FDMC86106LZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86116LZ FAIRCHILD-FDMC86116LZ Datasheet
347Kb / 7P
   N-Channel Power Trench MOSFET 100 V, 7.5 A, 103 m廓
FDMC86106LZ FAIRCHILD-FDMC86106LZ Datasheet
323Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 7.5 A, 103 m廓
FDD86113LZ FAIRCHILD-FDD86113LZ Datasheet
244Kb / 6P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 5.5 A, 104 m廓
logo
ON Semiconductor
FDP4D5N10C ONSEMI-FDP4D5N10C Datasheet
1,023Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 128 A, 4.5 m廓
June, 2017, Rev. 1.0
FDP8D5N10C ONSEMI-FDP8D5N10C Datasheet
1,022Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 76 A, 8.5 m廓
May, 2017, Rev. 1.0
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
   MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
NTMFS034N15MC ONSEMI-NTMFS034N15MC Datasheet
223Kb / 8P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 31 m, 31 A
May, 2020 ??Rev. 0
NTP7D3N15MC ONSEMI-NTP7D3N15MC Datasheet
147Kb / 6P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 7.3 m, 101 A
May, 2020 ??Rev. 0
NTP011N15MC ONSEMI-NTP011N15MC Datasheet
145Kb / 6P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 10.9 m, 74.3 A
May, 2020 ??Rev. 1
NTP5D0N15MC ONSEMI-NTP5D0N15MC Datasheet
151Kb / 6P
   MOSFET - N-Channel Shielded Gate PowerTrench 150 V, 5.0 m, 139 A
April, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com