Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM25C160LVN Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NM25C160LVN
Description  16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C160LVN Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NM25C160LVN Datasheet HTML 2Page - Fairchild Semiconductor NM25C160LVN Datasheet HTML 3Page - Fairchild Semiconductor NM25C160LVN Datasheet HTML 4Page - Fairchild Semiconductor NM25C160LVN Datasheet HTML 5Page - Fairchild Semiconductor NM25C160LVN Datasheet HTML 6Page - Fairchild Semiconductor NM25C160LVN Datasheet HTML 7Page - Fairchild Semiconductor NM25C160LVN Datasheet HTML 8Page - Fairchild Semiconductor NM25C160LVN Datasheet HTML 9Page - Fairchild Semiconductor NM25C160LVN Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.fairchildsemi.com
NM25C160 Rev. D.1
SCK
SI
SO
CS





D0
D1
D2


CS
SI
SO
Write
Op-Code
Byte H
Addr (n)
Byte L
Addr (n)
Data
(n)
Data
(n+1)
Data
(n+2)
Data
(n+3)
Data
(n+15)
. . .


CS
SI
SO
WRSR
Op-Code
SR Data
xxxxBP1BP0xx
DS012402-12
DS012402-13
DS012402-14
Functional Description (Continued)
A WRITE command requires the following sequence. The CS line
is pulled low to select the device, then the WRITE op-code is
transmitted on the SI line followed by the high order address byte
(A10-A8) and the low order address byte (A7–A0). The leading five
bits in the high order address byte will be ignored. The address is
followed by the data (D7–D0) to be written. Programming will start
after the CS pin is forced back to a high level. Note that the LOW
to HIGH transition of the CS pin must occur during the SCK low time
immediately after clocking in the D0 data bit. See Figure 10.
FIGURE 10. Write Sequence
BP0
SCK
SI
SO
CS


DS012402-15
The READY/BUSY status of the device can be determined by
executing a READ STATUS REGISTER (RDSR) instruction. Bit 0
= 1 indicates that the WRITE cycle is still in progress and Bit 0 =
0 indicates that the WRITE cycle has ended. During the WRITE
programming cycle (Bit 0 = 1) only the READ STATUS REGIS-
TER instruction is enabled.
The NM25C160 is capable of a 16 byte PAGE WRITE operation.
After receipt of each byte of data the four low order address bits
are internally incremented by one. The seven high order bits of the
address will remain constant. If the master should transmit more
than 16 bytes of data, the address counter will “roll over,” and the
previously loaded data will be reloaded. See Figure 11.
FIGURE 11. 16 Byte Page Write
At the completion of a WRITE cycle the device is automatically
returned to the write disable state.
If the device is not WRITE enabled, the device will ignore the
WRITE instruction and return to the standby state when CS is
forced high. A new CS falling edge is required to re-initialize the
serial communication.
WRITE STATUS REGISTER (WRSR): The WRITE STATUS
REGISTER (WRSR) instruction is used to program the non-
volatile status register Bits 2 and 3 (BP0 and BP1). The WRITE
PROTECT (WP) pin must be held high and two separate instruc-
tions must be executed. The chip must first be write enabled via
the WRITE ENABLE instruction and then a WRSR instruction
must be executed.
The WRSR command requires the following sequence. The CS
line is pulled low to select the device and then the WRSR op-code
is transmitted on the SI line followed by the data to be pro-
grammed. See Figure 12.
FIGURE 12. Write Status Register
Note that the first four bits are don’t care bits followed by BP1 and
BP0 then two additional don’t care bits. Programming will start
after the CS pin is forced back to a high level. As in the WRITE
instruction the LOW to HIGH transition of the CS pin must occur
during the SCK low time immediately after clocking in the last don’t
care bit. See Figure 13.
FIGURE 13. Start WRSR Condition
The READY/BUSY status of the device can be determined by
executing a READ STATUS REGISTER (RDSR) instruction. Bit 0
= 1 indicates that the WRSR cycle is still in progress and Bit 0 =
0 indicates that the WRSR cycle has ended.
At the completion of a WRITE cycle the device is automatically
returned to the write disable state.


Similar Part No. - NM25C160LVN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8 FAIRCHILD-NM25C040EM8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8X FAIRCHILD-NM25C040EM8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8 FAIRCHILD-NM25C040EMT8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results

Similar Description - NM25C160LVN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com