Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD0710 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD0710
Description  High CMR, 25Mbit/sec Logic Gate Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD0710 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD0710 Datasheet HTML 1Page - Fairchild Semiconductor FOD0710 Datasheet HTML 2Page - Fairchild Semiconductor FOD0710 Datasheet HTML 3Page - Fairchild Semiconductor FOD0710 Datasheet HTML 4Page - Fairchild Semiconductor FOD0710 Datasheet HTML 5Page - Fairchild Semiconductor FOD0710 Datasheet HTML 6Page - Fairchild Semiconductor FOD0710 Datasheet HTML 7Page - Fairchild Semiconductor FOD0710 Datasheet HTML 8Page - Fairchild Semiconductor FOD0710 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD0721, FOD0720, FOD0710 Rev. 1.0.9
5
Typical Performance Curves
Figure 1. Typical Output Voltage vs. Input Voltage
Figure 3. Typical Propogation Delay vs. Ambient Temperature
(FOD0710)
Figure 4. Typical Pulse Width Distortion vs. Ambient Temperature
(FOD0710)
Figure 5. Typical Propogation Delay vs. Ambient Temperature
(FOD0721/FOD0720)
Figure 6. Typical Pulse Width Distortion vs. Ambient Temperature
(FOD0721/FOD0720)
Figure 2. Typical Input Voltage Switching Threshold vs.
Input Supply Voltage
0
1
2
3
4
5
012345
V
I
-Inp ut Voltage (V)
1.4
1.5
1.6
1.7
1.8
1.9
4.50
4 .7 5
5.00
5.25
5.50
V
DD1
-In put Supply Voltage (V)
V
DD2
=5.0 V
-4 0
-20
0
20
4060
80
10 0
T
A -Ambient Temperature (°C)
-4 0
-20
0
20
4 06080
100
T
A
-Ambient Temperature (
°C)
Frequency = 6.25MHz
Dut y Cycle = 50%
V
DD1
=V
DD2
=5. 0V
18
20
22
24
26
28
-40
-20
0
2 0
4060
80
10 0
T
A
-Ambien t Tem pe rature (
°C)
t
PHL
t
PLH
Frequency = 12.5MHz
Duty Cycle = 50%
V
DD1
=V
DD2
=5.0V
-40
-20
0
20
406 080
1 00
T
A -Ambient Temperature (°C)
Freque ncy = 12.5MHz
Duty Cycle = 50%
V
DD1
=V
DD 2
=5.0V
18
19
20
21
22
23
24
25
26
t
PLH
t
PHL
-3
-2
-1
0
1
2
3
4
-3
-2
-1
0
1
2
3
4
5


Similar Part No. - FOD0710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0710 FAIRCHILD-FOD0710 Datasheet
267Kb / 12P
   High CMR, 25Mbit/sec Logic Gate Optocoupler
More results

Similar Description - FOD0710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0721 FAIRCHILD-FOD0721 Datasheet
267Kb / 12P
   High CMR, 25Mbit/sec Logic Gate Optocoupler
FOD8012 FAIRCHILD-FOD8012 Datasheet
226Kb / 12P
   High CMR, Bi-Directional, Logic Gate Optocoupler
logo
ON Semiconductor
FOD8012A ONSEMI-FOD8012A Datasheet
198Kb / 11P
   Logic Gate Optocoupler, High CMR, Bi-Directional
January, 2022 - Rev. 2
logo
Skyworks Solutions Inc.
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2411-300E AVAGO-HCPL-2411-300E Datasheet
2Mb / 6P
   20 m baud high cmr logic gate optocoupler
logo
Skyworks Solutions Inc.
OLF500 SKYWORKS-OLF500 Datasheet
312Kb / 6P
   High CMR, High-Speed Logic Gate Hermetic Surface Mount Optocoupler
April 17, 2017
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
OLI500 SKYWORKS-OLI500 Datasheet
521Kb / 6P
   Miniature High CMR, High-Speed Logic Gate Optocoupler for Hybrid Assembly
August 4, 2021
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
   High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com