Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11D3M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # H11D3M
Description  High Voltage Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11D3M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  H11D3M Datasheet HTML 1Page - Fairchild Semiconductor H11D3M Datasheet HTML 2Page - Fairchild Semiconductor H11D3M Datasheet HTML 3Page - Fairchild Semiconductor H11D3M Datasheet HTML 4Page - Fairchild Semiconductor H11D3M Datasheet HTML 5Page - Fairchild Semiconductor H11D3M Datasheet HTML 6Page - Fairchild Semiconductor H11D3M Datasheet HTML 7Page - Fairchild Semiconductor H11D3M Datasheet HTML 8Page - Fairchild Semiconductor H11D3M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4N38M, H11D1 M, H11D2M, H11D3M, MOC8204M Rev. 1.0.6
5
Typical Performance Curves
TA – AMBIENT TEMPERATURE (˚C)
Fig. 3 Normalized Output Current vs. LED Input Current
IF – LED INPUT CURRENT (mA)
110
0.01
0.1
1
10
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
TA – AMBIENT TEMPERATURE (˚C)
Fig. 4 Normalized Output Current vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0.1
1
Normalized to:
VCE = 10V
IF = 10mA
RBE = 106
TA = 25˚C
IF = 10mA
IF = 5mA
IF = 20mA
TA – AMBIENT TEMPERATURE (˚C)
Fig. 6 Normalized Collector-Base Current vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
Normalized to:
VCE = 10V
IF = 10mA
RBE = 106
TA = 25˚C
IF = 50mA
IF = 10mA
IF = 5mA
Fig. 5 Normalized Dark Current vs. Ambient Temperature
10
20
30
40
50
60
70
80
90
100
110
0.1
1
10
100
1000
10000
VCE = 300V
VCE = 100V
VCE = 50V
Normalized to:
VCE = 100V
RBE = 106
TA = 25˚C
VCE – COLLECTOR VOLTAGE (V)
Fig. 2 Normalized Output Characteristics
0.1
1
10
100
0.01
0.1
1
10
Normalized to:
VCE = 10V
IF = 10mA
RBE = 106
TA = 25˚C
IF = 50mA
IF = 5mA
IF = 10mA
IF – LED FORWARDCURRENT (mA)
Fig. 1 LED Forward Voltage vs. Forward Current
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = -55˚C
TA = 25˚C
TA = 100˚C


Similar Part No. - H11D3M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11D3M FAIRCHILD-H11D3M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D3M FAIRCHILD-H11D3M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D3M FAIRCHILD-H11D3M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D3M FAIRCHILD-H11D3M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
H11D3M ONSEMI-H11D3M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
More results

Similar Description - H11D3M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11D1 FAIRCHILD-H11D1 Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com