Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC212M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MOC212M
Description  Small Ouline Optocouplers Transistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC212M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC212M Datasheet HTML 1Page - Fairchild Semiconductor MOC212M Datasheet HTML 2Page - Fairchild Semiconductor MOC212M Datasheet HTML 3Page - Fairchild Semiconductor MOC212M Datasheet HTML 4Page - Fairchild Semiconductor MOC212M Datasheet HTML 5Page - Fairchild Semiconductor MOC212M Datasheet HTML 6Page - Fairchild Semiconductor MOC212M Datasheet HTML 7Page - Fairchild Semiconductor MOC212M Datasheet HTML 8Page - Fairchild Semiconductor MOC212M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC211M, MOC212M, MOC213M Rev. 1.0.2
4
Typical Performance Curves
Figure 4. Output Curent vs. Input Current
I
F – LED INPUT CURRENT (mA)
0.1
1
10
100
0.01
0.1
1
10
VCE = 5 V
NORMALIZED TO I
F = 10 mA
Figure 5. Output Current vs. Ambient Temperature
T
A – AMBIENT TEMPERATURE (°C)
-80
-60
-40
-20
0
20
40
60
80
100
120
0.1
1
10
NORMALIZED TO TA = 25
°C
Figure 6. Output Current vs. Collector-Emitter Voltage
V
CE – COLLECTOR-EMITTER VOLTAGE (V)
012345678
9
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
F = 10 mA
NORMALIZED TO VCE = 5 V
Figure 7. Dark Current vs. Ambient Temperature
Figure 8. CTR vs. RBE (Unsaturated)
T
A – AMBIENT TEMPERATURE (°C)
0
20406080
100
0.1
1
10
100
1000
10000
VCE = 10 V
IF – LED FORWARD CURRENT (mA)
Figure 3. LED Forward Voltage vs. Forward Current
1
10
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = –55°C
TA = 25°C
TA = 100°C
RBE –BASE RESISTANCE (kΩ)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF
mA
IF =
IF
= 20
10 mA
= 5 mA
VCE = 5 V, TA = 25°C
Normalized to:
CTR at RBE = Open


Similar Part No. - MOC212M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC212M FAIRCHILD-MOC212M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results

Similar Description - MOC212M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC211-M FAIRCHILD-MOC211-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC211 FAIRCHILD-MOC211 Datasheet
499Kb / 9P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC207R1M FAIRCHILD-MOC207R1M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC207R2M FAIRCHILD-MOC207R2M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
   SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
   Small Outline Optocouplers Darlington Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com