Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1932265 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1932265
Description  USB 3.0 Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1932265 Datasheet(HTML) 3 Page - Tyco Electronics

  1932265 Datasheet HTML 1Page - Tyco Electronics 1932265 Datasheet HTML 2Page - Tyco Electronics 1932265 Datasheet HTML 3Page - Tyco Electronics 1932265 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 1932265

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1932258-1 TEC-1932258-1 Datasheet
309Kb / 1P
   USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
1932258-2 TEC-1932258-2 Datasheet
309Kb / 1P
   USB 3.0 TYPE A RECEPTACLE STANDARD TYPE
1932259-1 TEC-1932259-1 Datasheet
202Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1932259-2 TEC-1932259-2 Datasheet
202Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1932259-3 TEC-1932259-3 Datasheet
202Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1932265

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-52100-001 BEL-SS-52100-001_V01 Datasheet
524Kb / 1P
   USB 2.0 and 3.0 Connectors
logo
Molex Electronics Ltd.
48391 MOLEX-48391 Datasheet
2Mb / 5P
   USB 3.0 Connectors and Cable Assemblies
Rev. 1
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
   USB 3.0
logo
Glenair, Inc.
963-012 GLENAIR-963-012 Datasheet
205Kb / 1P
   USB 3.0
logo
Leopard Imaging Inc.
LI-USB30-MIPI-TESTER LEOPARD-LI-USB30-MIPI-TESTER Datasheet
726Kb / 3P
   USB 3.0
logo
Qualtek Electronics Cor...
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
   USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
   USB 3.0 A/M - USB 3.0 B/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
   USB 3.0 A/M - USB 3.0 B/M
logo
EXCEL CELL ELECTRONIC C...
ESB23 ECE-ESB23 Datasheet
148Kb / 3P
   UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 A TYPE
logo
Qualtek Electronics Cor...
3023025-03M QUALTEK-3023025-03M Datasheet
632Kb / 1P
   USB 3.0 A/M - USB 3.0 A/M
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com