Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB60N06HD Datasheet(PDF) 7 Page - Motorola, Inc

Part # MTB60N06HD
Description  TMOS POWER FET 60 AMPERES 60 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB60N06HD Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MTB60N06HD Datasheet HTML 3Page - Motorola, Inc MTB60N06HD Datasheet HTML 4Page - Motorola, Inc MTB60N06HD Datasheet HTML 5Page - Motorola, Inc MTB60N06HD Datasheet HTML 6Page - Motorola, Inc MTB60N06HD Datasheet HTML 7Page - Motorola, Inc MTB60N06HD Datasheet HTML 8Page - Motorola, Inc MTB60N06HD Datasheet HTML 9Page - Motorola, Inc MTB60N06HD Datasheet HTML 10Page - Motorola, Inc MTB60N06HD Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MTB60N06HD
7
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
t, TIME (s)
Figure 14. Thermal Response
1.0E–05
0.1
1.0
0.01
0.1
0.2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 15. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
0
0.5
1
1.5
2.0
2.5
3
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
Figure 16. D2PAK Power Derating Curve
RθJA = 50°C/W
Board material = 0.065 mil FR–4
Mounted on the minimum recommended footprint
Collector/Drain Pad Size
≈ 450 mils x 350 mils
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01


Similar Part No. - MTB60N06HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB60N06HD ONSEMI-MTB60N06HD Datasheet
284Kb / 11P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTB60N06HDT4 ONSEMI-MTB60N06HDT4 Datasheet
284Kb / 11P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
logo
VBsemi Electronics Co.,...
MTB60N06HDT4 VBSEMI-MTB60N06HDT4 Datasheet
986Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTB60N06HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
   TMOS POWER FET 42 AMPERES 60 VOLTS
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MMFT3055V MOTOROLA-MMFT3055V Datasheet
91Kb / 4P
   TMOS POWER FET 1.7 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com