Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB86135 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDB86135
Description  N-Channel Shielded Gate PowerTrench짰 MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB86135 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FDB86135 Datasheet HTML 1Page - Fairchild Semiconductor FDB86135 Datasheet HTML 2Page - Fairchild Semiconductor FDB86135 Datasheet HTML 3Page - Fairchild Semiconductor FDB86135 Datasheet HTML 4Page - Fairchild Semiconductor FDB86135 Datasheet HTML 5Page - Fairchild Semiconductor FDB86135 Datasheet HTML 6Page - Fairchild Semiconductor FDB86135 Datasheet HTML 7Page - Fairchild Semiconductor FDB86135 Datasheet HTML 8Page - Fairchild Semiconductor FDB86135 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FDB86135 Rev. C1
www.fairchildsemi.com
8
Mechanical Dimensions
D2-PAK
LAND PATTERN RECOMMENDATION
DETAIL A, ROTATED 90
SCALE: 2X
2
SEATING
PLANE
3
4
GAGE PLANE
1
2
1
4
3
SEE
DETAIL A
10.67
9.65
1.68
1.00
9.65
8.38
1.78 MAX
1.78
1.14
0.99
0.51
5.08
(2.12)
6.22 MIN
6.86 MIN
15.88
14.61
1.65
1.14
4.83
4.06
0.74
0.33
8
0
8
0
2.79
1.78
(5.38)
0.25 MAX
0.25
0.25
A
B
M
M
-A-
-B-
0.10
B
NOTES: UNLESS OTHERWISE SPECIFIED
A) ALL DIMENSIONS ARE IN MILLIMETERS.
B) REFERENCE JEDEC, TO-263, VARIATION AB.
C) DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M - 1994.
D) LOCATION OF THE PIN HOLE MAY VARY
(LOWER LEFT CORNER, LOWER CENTER
AND CENTER OF THE PACKAGE).
E) LANDPATTERN RECOMMENDATION PER IPC
TO254P1524X482-3N
F) FILENAME: TO263A02REV6
12.70
9.45
3.80
1.05
(6.40)
10.00
UNLESS NOTED, ALL DIMS TYPICAL
5.08
Dimensions in Millimeters


Similar Part No. - FDB86135

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB86102LZ FAIRCHILD-FDB86102LZ Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 24 m廓
More results

Similar Description - FDB86135

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMC010N08C ONSEMI-FDMC010N08C Datasheet
612Kb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
August, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDC8601 FAIRCHILD-FDC8601 Datasheet
249Kb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
logo
ON Semiconductor
NTMFS08N003C ONSEMI-NTMFS08N003C Datasheet
1Mb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
June, 2017, Rev. 1.0
FDMS003N08C ONSEMI-FDMS003N08C Datasheet
1Mb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
May, 2017, Rev. 1.0
FDD86250-F085 ONSEMI-FDD86250-F085 Datasheet
1Mb / 8P
   N-Channel Sheilded Gate PowerTrench짰 MOSFET
September, 2017, Rev. 1
logo
Fairchild Semiconductor
FDD86113LZ FAIRCHILD-FDD86113LZ Datasheet
244Kb / 6P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 5.5 A, 104 m廓
logo
ON Semiconductor
FDP4D5N10C ONSEMI-FDP4D5N10C Datasheet
1,023Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 128 A, 4.5 m廓
June, 2017, Rev. 1.0
FDP8D5N10C ONSEMI-FDP8D5N10C Datasheet
1,022Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 76 A, 8.5 m廓
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com