Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-5329444-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-5329444-2
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-5329444-2 Datasheet(HTML) 3 Page - Tyco Electronics

  2-5329444-2 Datasheet HTML 1Page - Tyco Electronics 2-5329444-2 Datasheet HTML 2Page - Tyco Electronics 2-5329444-2 Datasheet HTML 3Page - Tyco Electronics 2-5329444-2 Datasheet HTML 4Page - Tyco Electronics 2-5329444-2 Datasheet HTML 5Page - Tyco Electronics 2-5329444-2 Datasheet HTML 6Page - Tyco Electronics 2-5329444-2 Datasheet HTML 7Page - Tyco Electronics 2-5329444-2 Datasheet HTML 8Page - Tyco Electronics 2-5329444-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
46
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors (50 ohm/75 ohm) Performance Specifications (Continued)
Single
Category
Straight
Right-Angle
Commercial
Commercial
Commercial
Commercial
Connector
Crimp
B & C
Solder
Solder
O Crimp
PCB
PCB
Solder
Component
(MIL Type)
O Crimp
Clamp
Clamp
Hex Crimp &
Solder
Press Fit
Ohm Jacks
Adapters
(MIL Type)
Terminators
Connector Material
Collar
Brass
Brass
Brass
Brass
Brass QQ-B-626
——
Brass
QQ-B-626
QQ-B-626
Zinc QQ-Z-363
QQ-B-626
Brass
Brass
Outer Contact
QQ-B-626
Phos. Bronze
Brass
Brass
Brass
——
QQ-B-626
(Plug)
Beryl. Copper
QQ-B-750
MIL-C-21768
Beryl. Copper
QQ-C-530
QQ-C-530
Zinc
Shell
Brass
Brass
Brass
Zinc
Zinc
Zinc
QQ-Z-363
Brass
(Jack)
QQ-B-626
QQ-B-626
QQ-Z-363
QQ-Z-363
QQ-Z-363
Brass
QQ-B-626
QQ-B-626
TEFLON
Polyethylene
TEFLON
TEFLON
Dielectric
MIL-P-19468
TEFLON
TEFLON
TEFLON
Polypropylene
Polymethylpentene
TEFLON
MIL-P-19468
MIL-P-19468
Polypropylene
MIL-P-19468
Polymethylpentene
Gen. Purpose1
MIL-P-19468
Polyester PBT
Polypropylene,
Gen. Purpose
Gen. Purpose
MIL-P-24519
Gen. Purpose
Brass
Center Contact
Brass
Brass
Brass
Brass
Brass
——
QQ-B-626
(Plug)
QQ-B-626
QQ-B-626
QQ-B-626
Beryl. Copper
QQ-C-530
Beryl. Copper
Beryl. Copper
Phos. Bronze
Phos. Bronze
Center Contact
ASTM-B-643
ASTM-B-643
Beryl. Copper
Beryl. Copper
Beryl. Copper
Phos. Bronze
Beryl. Copper
QQ-B-570
QQ-B-570
(Jack)
QQ-C-530
QQ-C-530
QQ-C-530
QQ-B-750
QQ-C-530
Beryl. Copper
Beryl. Copper
QQ-C-530
QQ-C-530
Gasket
Silicon Rubber
Silicon Rubber
Silicon Rubber
Silicon Rubber
Silicon Rubber
——
Silicon Rubber
QQ-R-765
QQ-R-765
QQ-R-765
QQ-R-765
Ferrule
Copper
Copper
——
Copper
——
QQ-C-576
QQ-C-576
QQ-C-576
Connector Primary Finishes2
Silver
Silver
Silver
Collar
QQ-S-365
QQ-S-365
Silver/
Silver/
Bright Nickel
——
QQ-S-365
Bright Nickel
Bright Nickel
Bright Nickel
Bright Nickel
QQ-N-290
Bright Nickel
QQ-N-290
QQ-N-290
QQ-N-290
Silver
Bright or
Silver
Outer Contacts
QQ-S-365
QQ-S-365
Silver/
Silver/
Matte Nickel
Bright Nickel
Bright Nickel
Bright Nickel
QQ-S-365
(Plug & Jack)
Gold
Bright Nickel
Bright Nickel
Bright Nickel
QQ-N-290
QQ-N-290
QQ-N-290
QQ-N-290
Bright Nickel
QQ-N-290
QQ-N-290
Tin Lead
Tin Lead
Tin Lead
Silver
Center Contacts
MIL-G-45204
Gold
Gold
Gold
ASTM-B-545
ASTM-B-545
Gold
ASTM-B-545
QQ-S-365
(Plug & Jack)
Silver
MIL-G-45204
Silver, QQ-S-365
Silver, QQ-S-365
MIL-B-45204
Silver, QQ-S-365
Gold
Gold, MIL-G-45204 Gold, MIL-G-45204
Gold, MIL-G-45204 MIL-G-45204
Silver
Ferrule3
QQ-S-365
QQ-S-365
——
Tin Lead
——
Tin Lead
ASTM-B-545
ASTM-B-545
1
Several pc board connectors have an outer polyester PBT insulator per MIL-P-24519.
2
If more than one finish is listed, refer to individual catalog page(s) or customer drawings for exact specification.
3
Ferrules with tin-lead finish are used with nickel plated outer contacts.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Similar Part No. - 2-5329444-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-5329444-2 TEC-2-5329444-2 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 2-5329444-2

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com