Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM27C256V90 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NM27C256V90
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C256V90 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NM27C256V90 Datasheet HTML 1Page - Fairchild Semiconductor NM27C256V90 Datasheet HTML 2Page - Fairchild Semiconductor NM27C256V90 Datasheet HTML 3Page - Fairchild Semiconductor NM27C256V90 Datasheet HTML 4Page - Fairchild Semiconductor NM27C256V90 Datasheet HTML 5Page - Fairchild Semiconductor NM27C256V90 Datasheet HTML 6Page - Fairchild Semiconductor NM27C256V90 Datasheet HTML 7Page - Fairchild Semiconductor NM27C256V90 Datasheet HTML 8Page - Fairchild Semiconductor NM27C256V90 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.fairchildsemi.com
AC Test Conditions
Output Load
1 TTL Gate and CL = 100 pF (Note 8)
Input Rise and Fall Times
≤ 5 ns
Input Pulse Levels
0.45 to 2.4V
Timing Measurement Reference Level (Note 10)
Inputs
0.8V and 2.0V
Outputs
0.8V and 2.0V
AC Waveforms (Note 6) (Note 7) (Note 9)
Note 1: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Note 2: This parameter is only sampled and is not 100% tested.
Note 3: OE may be delayed up to tACC - tOE after the falling edge of CE without impacting tACC.
Note 4: The tDF and tCF compare level is determined as follows:
High to TRI-STATE®, the measured VOH1 (DC) - 0.10V;
Low to TRI-STATE, the measured VOL1 (DC) + 0.10V.
Note 5: TRI-STATE may be attained using OE or CE.
Note 6: The power switching characteristics of EPROMs require careful device decoupling. It is recommended that at least a 0.1
µF ceramic capacitor be used on every device
between V
CC and GND.
Note 7: The outputs must be restricted to V
CC + 1.0V to avoid latch-up and device damage.
Note 8: TTL Gate: I
OL = 1.6 mA, IOH = -400 µA.
C
L = 100 pF includes fixture capacitance.
Note 9: VPP may be connected to VCC except during programming.
Note 10: Inputs and outputs can undershoot to -2.0V for 20 ns Max.
Note 11: CMOS inputs: VIL = GND ±0.3V, VIH = VCC ±0.3V.
Programming Characteristics (Note 12) (Note 13) (Note 14) (Note 15)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADDRESSES VALID
VALID OUTPUT
Hi-Z
Hi-Z
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
ADDRESSES
CE
OE
OUTPUT
t
OE
(Note 3)
t
ACC
(Note 3)
t
CE
t
CE
(Notes 4, 5)
t
OH
t
DF
(Notes 4, 5)
DS010833-4


Similar Part No. - NM27C256V90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C256V NSC-NM27C256V Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256V120 NSC-NM27C256V120 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256V150 NSC-NM27C256V150 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256V200 NSC-NM27C256V200 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256VE120 NSC-NM27C256VE120 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Similar Description - NM27C256V90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com