Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD580UH883B Datasheet(PDF) 8 Page - Analog Devices

Part # AD580UH883B
Description  High Precision, 2.5 V IC Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD580UH883B Datasheet(HTML) 8 Page - Analog Devices

  AD580UH883B Datasheet HTML 1Page - Analog Devices AD580UH883B Datasheet HTML 2Page - Analog Devices AD580UH883B Datasheet HTML 3Page - Analog Devices AD580UH883B Datasheet HTML 4Page - Analog Devices AD580UH883B Datasheet HTML 5Page - Analog Devices AD580UH883B Datasheet HTML 6Page - Analog Devices AD580UH883B Datasheet HTML 7Page - Analog Devices AD580UH883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD580
Rev. B | Page 8 of 8
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
0.250 (6.35) MIN
0.150 (3.81)
0.115 (2.92)
0.050 (1.27) MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53) MAX
0.030 (0.76) MAX
BASE & SEATING PLANE
0.500 (12.70)
MIN
0.046 (1.17)
0.036 (0.91)
0.048 (1.22)
0.028 (0.71)
0.050 (1.27) T.P.
3
1
0.100
(2.54)
T.P.
0.050
(1.27)
T.P.
45° T.P.
2
Figure 13. TO–52 Package
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Output Voltage
Tolerance
Temperature
Coefficient
Operating
Temperature Range
Package Option
Package
Description
AD580JH
±75 mV
85 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580KH
±25 mV
40 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580LH
±10 mV
25 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580LMH
±10 mV
10 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580SH
±25 mV
55 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580SH/883B
±25 mV
55 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580TH
±10 mV
25 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580UH
±10 mV
10 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580UH/883B
±10 mV
10 ppm/°C
–55°C to +125°C
TO–52
H (Metal Can)
AD580TCHIPS
±10 mV
DIE
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00525-0-8/04(B)


Similar Part No. - AD580UH883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580UH883B AD-AD580UH883B Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
More results

Similar Description - AD580UH883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com