Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7450ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7450ARMZ
Description  Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7450ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7450ARMZ Datasheet HTML 4Page - Analog Devices AD7450ARMZ Datasheet HTML 5Page - Analog Devices AD7450ARMZ Datasheet HTML 6Page - Analog Devices AD7450ARMZ Datasheet HTML 7Page - Analog Devices AD7450ARMZ Datasheet HTML 8Page - Analog Devices AD7450ARMZ Datasheet HTML 9Page - Analog Devices AD7450ARMZ Datasheet HTML 10Page - Analog Devices AD7450ARMZ Datasheet HTML 11Page - Analog Devices AD7450ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
–8–
AD7450–Typical Performance Characteristics
FREQUENCY – kHz
0
–60
–120
050
500
100 150 200 250 300 350 400 450
–20
–40
–80
–100
8192 POINT FFT
f
SAMPLE = 1MSPS
f
IN = 300kHz
SINAD = 71.7dB
THD = –82.8dB
PK NOISE = –85.3dB
TPC 1. Dynamic Performance at
1 MSPS with VDD = 5 V
CODE
1.0
0.4
–0.2
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
0
1024
2048
3072
4096
TPC 4. Typical Differential
Nonlinearity (DNL) VDD = 5 V
CODE
1.0
0.4
–0.2
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
0
1024
2048
3072
4096
TPC 7. Typical Integral
Nonlinearity (INL) VDD = 3 V
FREQUENCY – kHz
0
–60
–120
050
100
150
200
250
300
350
–20
–40
–80
–100
8192 POINT FFT
f
SAMPLE = 833kSPS
f
IN = 300kHz
SINAD = 70.2dB
THD = –82dB
PK NOISE = –87.1dB
TPC 2. Dynamic Performance at
833 kSPS with VDD = 3 V
CODE
1.0
0.4
–0.2
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
0
1024
2048
3072
4096
TPC 5. Typical Differential
Nonlinearity (DNL) VDD = 3 V
1.0
0.5
0
–0.5
–1.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF
POSITIVE DNL
NEGATIVE DNL
TPC 8. Change in DNL vs. Reference
Voltage VDD = 5 V
INPUT FREQUENCY – kHz
–63
–75
–69
–65
–67
–71
–73
10
100
1000
VDD = 4.75V
VDD = 2.7V
VDD = 3.3V
VDD = 5.25V
TPC 3. SINAD vs. Analog Frequency
for Various Supply Voltages
CODE
1.0
0.4
–0.2
0.8
0.6
0.2
0
–0.4
–0.6
–0.8
–1.0
0
1024
2048
3072
4096
TPC 6. Typical Integral
Nonlinearity (INL) VDD = 5 V
VREF
1.0
0.5
–1.0
0
–0.5
1.5
0
0.6
1.2
1.8
2.4
POSITIVE DNL
NEGATIVE DNL
TPC 9. Change in DNL vs. Reference
Voltage VDD = 3.3 V*
(Default Conditions: TA = 25 C)
Rev. A


Similar Part No. - AD7450ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7450ARMZ AD-AD7450ARMZ Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450ARMZ AD-AD7450ARMZ Datasheet
500Kb / 23P
   Differential Input, 1 MSPS 12-Bit ADC
AD7450ARMZ-REEL7 AD-AD7450ARMZ-REEL7 Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450ARMZ-REEL7 AD-AD7450ARMZ-REEL7 Datasheet
500Kb / 23P
   Differential Input, 1 MSPS 12-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com