Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5064 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5064
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5064 Datasheet HTML 4Page - Analog Devices AD5064 Datasheet HTML 5Page - Analog Devices AD5064 Datasheet HTML 6Page - Analog Devices AD5064 Datasheet HTML 7Page - Analog Devices AD5064 Datasheet HTML 8Page - Analog Devices AD5064 Datasheet HTML 9Page - Analog Devices AD5064 Datasheet HTML 10Page - Analog Devices AD5064 Datasheet HTML 11Page - Analog Devices AD5064 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5512A/AD5542A
Rev. A | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
DGND
LDAC
CLR
9
DIN
VOUT
AGNDS
2
AGNDF
REFS
TOP
VIEW
NC = NO CONNECT
(Not to Scale)
Figure 4. AD5512A/AD5542A 16-Lead LFCSP Pin Configuration
1
REF
2
CS
3
SCLK
4
DIN
5
CLR
10 GND
9
VDD
8
RFB
7
INV
6
VOUT
AD5542A-1
TOP VIEW
Not to Scale
NOTES
1. THE EXPOSED PADDLE SHOULD BE
TIED TO THE POINT OF LOWEST
POTENTIAL, IN THIS CASE, GND.
Figure 5. AD5542A-1 10-Lead LFCSP Pin Configuration
Table 7. AD5512A/AD5542A Pin Function Descriptions
Pin No.
16-Lead
LFCSP
10-Lead
LFCSP
Mnemonic
Description
1
6
V
OUT
Analog Output Voltage from the DAC.
2
AGNDF
Ground Reference Point for Analog Circuitry (Force).
3
AGNDS
Ground Reference Point for Analog Circuitry (Sense).
4
REFS
Voltage Reference Input (Sense) for the DAC. Connect to an external 2.5 V reference. Reference can
range from 2 V to V
DD.
5
REFF
Voltage Reference Input (Force) for the DAC. Connect to an external 2.5 V reference. Reference can
range from 2 V to V
DD.
6
2
CS
Logic Input Signal. The chip select signal is used to frame the serial data input.
7
NC
No Connect.
8
3
SCLK
Clock Input. Data is clocked into the input register on the rising edge of SCLK. Duty cycle must be
between 40% and 60%.
9
4
DIN
Serial Data Input. This device accepts 16-bit words. Data is clocked into the input register on the
rising edge of SCLK.
10
5
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all LDAC pulses
are ignored. When CLR is activated, the DAC register is cleared to the model selectable midscale.
11
LDAC
LDAC Input. When this input is taken low, the DAC register is simultaneously updated with the
contents of the input register.
12
DGND
Digital Ground. Ground reference for digital circuitry.
13
7
INV
Connection to the Internal Scaling Resistors of the DAC. Connect the INV pin to the external op
amps inverting input in bipolar mode.
14
V
LOGIC
Logic Power Supply.
15
9
V
DD
Analog Supply Voltage, 5 V ± 10%.
16
8
R
FB
Feedback Resistor Pin. In bipolar mode, connect this pin to the external op amp output.
1
REF
Voltage Reference Input for the DAC. Connect this pin to an external 2.5 V reference. Reference can
range from 2 V to V
DD.
10
GND
Ground.
EPAD
Exposed Pad
The exposed pad should be tied to the point of lowest potential, in this case, GND.


Similar Part No. - AD5064

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5064 AD-AD5064 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5064 AD-AD5064 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5064 AD-AD5064 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5064 AD-AD5064 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD50641 AD-AD50641 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results

Similar Description - AD5064

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com