Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5225974-5 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 5225974-5
Description  BNC Connectors (50 ohm/75 ohm)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5225974-5 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 5225974-5 Datasheet HTML 5Page - Tyco Electronics 5225974-5 Datasheet HTML 6Page - Tyco Electronics 5225974-5 Datasheet HTML 7Page - Tyco Electronics 5225974-5 Datasheet HTML 8Page - Tyco Electronics 5225974-5 Datasheet HTML 9Page - Tyco Electronics 5225974-5 Datasheet HTML 10Page - Tyco Electronics 5225974-5 Datasheet HTML 11Page - Tyco Electronics 5225974-5 Datasheet HTML 12Page - Tyco Electronics 5225974-5 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
52
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
BNC Connectors, 50 Ohm (Continued)
Jacks, Twist-On
Related Product Data
Twist-on jacks must be used with
cable that has a solid conductor.
These jacks are not recommended
for applications where the cable
frequently moves or flexes.
Mating Twist-On Plug — Page 50
RG/U
Center
Body
Dielectric
Style
Part No.
Cable
Contact
Plating
59, 59A, 59B
Gold
Nickel
Acetal
Commercial
222428-1
40.14
[1.580]
Max.
Panel Jacks, Crimp
28.96
[1.140]
Max.
2.77
[.109]
12.7 ±0.1
[.500 ±.004]
12.7 ±0.1
[.500 ±.004]
Recommended Panel Cutout
Interchangeable Dies
CERTI-CRIMP
for PRO-CRIMPER
Interchangeable
RG/U
Termination
Center
Body
Hand Tool
Hand Tool 354940-1
Dies for Hand
Cable
Type
Contact
Plating
Dielectric
Style
with
or
Tool 69710-1
Part No.
Plating
Integral Die
PRO-CRIMPER
& 626 Pneu.
Adapter 679304-1
Head 318161-1
174, 188, 188A, 316
O Crimp
Gold
Nickel
TEFLON
MIL Type
1424050-1
220026-1
5225397-7
58, 58A, 58B, 58C
O Crimp
Gold
Nickel
TEFLON
MIL Type
-69478-1
91901-1
69727-
5225397-1
124, 140, 210, 62, 62A, 62B,
59, 59A, 59B, BELDEN 9291,
O Crimp
Gold
Nickel
TEFLON
MIL Type
-69477-1
258537-1
269669-1
5225397-2
9209, 9269, 89269
Dia.
11.2
[.441]
Dia.
17.84
[.702]
Max.
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
BELDEN is a trademark of Belden Wire
and Cable Company.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Similar Part No. - 5225974-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5225974-5 TEC-5225974-5 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5225974-5

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com