Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM25C160LZVM8 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # NM25C160LZVM8
Description  16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C160LZVM8 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NM25C160LZVM8 Datasheet HTML 2Page - Fairchild Semiconductor NM25C160LZVM8 Datasheet HTML 3Page - Fairchild Semiconductor NM25C160LZVM8 Datasheet HTML 4Page - Fairchild Semiconductor NM25C160LZVM8 Datasheet HTML 5Page - Fairchild Semiconductor NM25C160LZVM8 Datasheet HTML 6Page - Fairchild Semiconductor NM25C160LZVM8 Datasheet HTML 7Page - Fairchild Semiconductor NM25C160LZVM8 Datasheet HTML 8Page - Fairchild Semiconductor NM25C160LZVM8 Datasheet HTML 9Page - Fairchild Semiconductor NM25C160LZVM8 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.fairchildsemi.com
NM25C160 Rev. D.1
8-Pin Molded TSSOP, JEDEC (MT8)
Package Number MTC08
Physical Dimensions inches (millimeters) unless otherwise noted
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.
Life Support Policy
Fairchild's products are not authorized for use as critical components in life support devices or systems without the express written
approval of the President of Fairchild Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a significant
injury to the user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably ex-
pected to cause the failure of the life support device or system,
or to affect its safety or effectiveness.
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Fairchild Semiconductor
Americas
Europe
Hong Kong
Japan Ltd.
Customer Response Center
Fax:
+44 (0) 1793-856858
8/F, Room 808, Empire Centre
4F, Natsume Bldg.
Tel. 1-888-522-5372
Deutsch
Tel:
+49 (0) 8141-6102-0
68 Mody Road, Tsimshatsui East
2-18-6, Yushima, Bunkyo-ku
English
Tel:
+44 (0) 1793-856856
Kowloon. Hong Kong
Tokyo, 113-0034 Japan
Français
Tel:
+33 (0) 1-6930-3696
Tel; +852-2722-8338
Tel: 81-3-3818-8840
Italiano
Tel:
+39 (0) 2-249111-1
Fax: +852-2722-8383
Fax: 81-3-3818-8841
0.114 - 0.122
(2.90 - 3.10)
0.123 - 0.128
(3.13 - 3.30)
0.246 - 0.256
(6.25 - 6.5)
14
85
0.169 - 0.177
(4.30 - 4.50)
(7.72) Typ
(4.16) Typ
(1.78) Typ
(0.42) Typ
(0.65) Typ
0.002 - 0.006
(0.05 - 0.15)
0.0256 (0.65)
Typ.
0.0433
(1.1)
Max
0.0075 - 0.0098
(0.19 - 0.30)
Pin #1 IDENT
0.0035 - 0.0079
0
°-8°
0.020 - 0.028
(0.50 - 0.70)
0.0075 - 0.0098
(0.19 - 0.25)
Seating
plane
Gage
plane
See detail A
Notes: Unless otherwise specified
1. Reference JEDEC registration MO153. Variation AA. Dated 7/93
Land pattern recommendation
DETAIL A
Typ. Scale: 40X


Similar Part No. - NM25C160LZVM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8 FAIRCHILD-NM25C040EM8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8X FAIRCHILD-NM25C040EM8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8 FAIRCHILD-NM25C040EMT8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results

Similar Description - NM25C160LZVM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com