Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9739BBC Datasheet(PDF) 4 Page - Analog Devices

Part # AD9739BBC
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBC Datasheet(HTML) 4 Page - Analog Devices

  AD9739BBC Datasheet HTML 1Page - Analog Devices AD9739BBC Datasheet HTML 2Page - Analog Devices AD9739BBC Datasheet HTML 3Page - Analog Devices AD9739BBC Datasheet HTML 4Page - Analog Devices AD9739BBC Datasheet HTML 5Page - Analog Devices AD9739BBC Datasheet HTML 6Page - Analog Devices AD9739BBC Datasheet HTML 7Page - Analog Devices AD9739BBC Datasheet HTML 8Page - Analog Devices AD9739BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD9739
Data Sheet
Rev. B | Page 4 of 48
SPECIFICATIONS
DC SPECIFICATIONS
VDDA = VDD33 = 3.3 V, VDDC = VDD = 1.8 V, IOUTFS = 20 mA.
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY
Integral Nonlinearity (INL)
±1.3
LSB
Differential Nonlinearity (DNL)
±0.8
LSB
ANALOG OUTPUTS
Gain Error (with Internal Reference)
5.5
%
Full-Scale Output Current
8.66
20.2
31.66
mA
Output Compliance Range
−1.0
+1.0
V
Common-Mode Output Resistance
10
Differential Output Resistance
70
Ω
Output Capacitance
1
pF
DAC CLOCK INPUT (DACCLK_P, DACCLK_N)
Differential Peak-to-Peak Voltage
1.2
1.6
2.0
V
Common-Mode Voltage
900
mV
DAC Clock Rate
0.8
2.5
GHz
TEMPERATURE DRIFT
Gain
60
ppm/°C
Reference Voltage
20
ppm/°C
REFERENCE
Internal Reference Voltage
1.15
1.2
1.25
V
Output Resistance
5
ANALOG SUPPLY VOLTAGES
VDDA
3.1
3.3
3.5
V
VDDC
1.70
1.8
1.90
V
DIGITAL SUPPLY VOLTAGES
VDD33
3.10
3.3
3.5
V
VDD
1.70
1.8
1.90
V
SUPPLY CURRENTS AND POWER DISSIPATION, 2.0 GSPS
IVDDA
37
38
mA
IVDDC
159
166
mA
IVDD33
34
37
mA
IVDD
233
238
mA
Power Dissipation
0.940
0.975
W
Sleep Mode, IVDDA
2.5
2.75
mA
Power-Down Mode (Register 0x01 = 0x33 and Register 0x02 = 0x80)
IVDDA
0.02
mA
IVDDC
3.8
mA
IVDD33
0.5
mA
IVDD
0.1
mA
SUPPLY CURRENTS AND POWER DISSIPATION, 2.5 GSPS
IVDDA
37
mA
IVDDC
223
mA
IVDD33
34
mA
IVDD
290
mA
Power Dissipation
1.16
W


Similar Part No. - AD9739BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739BBC AD-AD9739BBC Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCRL AD-AD9739BBCRL Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZRL AD-AD9739BBCZRL Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
More results

Similar Description - AD9739BBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9119 AD-AD9119 Datasheet
2Mb / 68P
   11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9217 AD-AD9217 Datasheet
71Kb / 2P
   12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9680 AD-AD9680 Datasheet
3Mb / 97P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com