Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7893SQ-10 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7893SQ-10
Description  LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7893SQ-10 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7893SQ-10 Datasheet HTML 2Page - Analog Devices AD7893SQ-10 Datasheet HTML 3Page - Analog Devices AD7893SQ-10 Datasheet HTML 4Page - Analog Devices AD7893SQ-10 Datasheet HTML 5Page - Analog Devices AD7893SQ-10 Datasheet HTML 6Page - Analog Devices AD7893SQ-10 Datasheet HTML 7Page - Analog Devices AD7893SQ-10 Datasheet HTML 8Page - Analog Devices AD7893SQ-10 Datasheet HTML 9Page - Analog Devices AD7893SQ-10 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7893
REV. E
–6–
CONVERTER DETAILS
The AD7893 is a fast, 12-bit single supply A/D converter. It
provides the user with signal scaling (AD7893-10), track/hold,
A/D converter and serial interface logic functions on a single
chip. The A/D converter section of the AD7893 consists of a
conventional successive-approximation converter based on an
R-2R ladder structure. The signal scaling on the AD7893-10,
AD7893-5 and AD7893-3 allows the part to handle
±10 V, 0 V
to +5 V and
±2.5 V input signals, respectively, while operating
from a single +5 V supply. The AD7893-2 accepts an analog in-
put range of 0 V to +2.5 V. The part requires an external +2.5 V
reference. The reference input to the part is buffered on-chip.
A major advantage of the AD7893 is that it provides all of the
above functions in an 8-pin package, either 8-pin mini-DIP or
SOIC. This offers the user considerable space saving advantages
over alternative solutions. The AD7893 typically consumes only
25 mW, making it ideal for battery-powered applications.
Conversion is initiated on the AD7893 by pulsing the CONVST
input. On the rising edge of CONVST, the on-chip track/hold
goes from track-to-hold mode and the conversion sequence is
started. The conversion clock for the part is generated internally
using a laser-trimmed clock oscillator circuit. Conversion time
for the AD7893 is 6
µs, and the track/hold acquisition time is
1.5
µs. To obtain optimum performance from the part, the read
operation should not occur during the conversion or during
600 ns prior to the next conversion. This allows the part to op-
erate at throughput rates up to 117 kHz and to achieve data
sheet specifications. The part can operate at higher throughput
rates (up to 133 kHz) with slightly degraded performance (see
Timing and Control section).
CIRCUIT DESCRIPTION
Analog Input Section
The AD7893 is offered as four part types: the AD7893-10,
which handles a
±10 V input voltage range; the AD7893-3,
which handles a
±2.5 V input voltage range; the AD7893-5,
which handles a 0 V to +5 V input range; and the AD7893-2,
which handles a 0 V to +2.5 V input voltage range.
Figure 2 shows the analog input section for the AD7893-10,
AD7893-5 and AD7893-3. The analog input range of the
AD7893-10 is
±10 V into an input resistance of typically 33 kΩ.
The analog input range of the AD7893-3 is
±2.5 V into an input
resistance of typically 12 k
Ω. The input range on the AD7893-5 is
0 V to +5 V into an input resistance of typically 11 k
Ω. This in-
put is benign with no dynamic charging currents, as the resistor
stage is followed by a high input impedance stage of the track/hold
AGND
AD7893-10/AD7893-5
VIN
REF IN
TRACK/
HOLD
TO ADC
REFERENCE
CIRCUITRY
TO INTERNAL
COMPARATOR
R3
R2
R1
Figure 2. AD7893-10/AD7893-3/AD7893-5 Analog Input
Structure
amplifier. For the AD7893-10, R1 = 30 k
Ω; R2 = 7.5 kΩ and
R3 = 10 k
Ω. For the AD7893-3, R1 = R2 = 6.5 kΩ, and R3
is open circuit. For the AD7893-5, R1 and R3 = 5 k
Ω while
R2 is open-circuit.
For the AD7893-10 and AD7893-3, the designed code transi-
tions occur on successive integer LSB values (i.e., 1 LSB, 2 LSBs,
3 LSBs . . .). Output coding is twos complement binary with
1 LSB = FS/4096. The ideal input/output transfer function for
the AD7893-10 and AD7893-3 is shown in Table I.
Table I. Ideal Input/Output Code Table for the AD7893-10/
AD7893-3
Digital Output
Analog Input
1
Code Transition
+FSR/2 – 1 LSB
2
011 . . . 110 to 011 . . . 111
+FSR/2 – 2 LSBs
011 . . . 101 to 011 . . . 110
+FSR/2 – 3 LSBs
011 . . . 100 to 011 . . . 101
AGND + 1 LSB
000 . . . 000 to 000 . . . 001
AGND
111 . . . 111 to 000 . . . 000
AGND – 1 LSB
111 . . . 110 to 111 . . . 111
–FSR/2 + 3 LSBs
100 . . . 010 to 100 . . . 011
–FSR/2 + 2 LSBs
100 . . . 001 to 100 . . . 010
–FSR/2 + 1 LSB
100 . . . 000 to 100 . . . 001
NOTES
1FSR is full-scale range and is 20 V (AD7893-10) and = 5 V (AD7893-3) with
REF IN = +2.5 V.
21 LSB = FSR/4096 = 4.883 mV (AD7893-10) and 1.22 mV (AD7893-3) with
REF IN = +2.5 V.
For the AD7893-5, the designed code transitions occur again on
successive integer LSB values. Output coding is straight (natural)
binary with 1 LSB = FS/4096 = 5 V/4096 = 1.22 mV. The ideal
input/output transfer function for the AD7893-5 is shown in
Table II.
The analog input section for the AD7893-2 contains no biasing
resistors, and the VIN pin drives the input directly to the track/
hold amplifier. The analog input range is 0 V to +2.5 V into a
high impedance stage, with an input current of less than
500 nA. This input is benign, with no dynamic charging cur-
rents. Once again, the designed code transitions occur on suc-
cessive integer LSB values. Output coding is straight (natural)
binary with 1 LSB = FS/4096 = 2.5 V/4096 = 0.61 mV. Table
II also shows the ideal input/output transfer function for the
AD7893-2.
Table II. Ideal Input/Output Code Table for
AD7893-2/AD7893-5
Digital Output
Analog Input
1
Code Transition
+FSR – 1 LSB2
111 . . . 110 to 111 . . . 111
+FSR – 2 LSB
111 . . . 101 to 111 . . . 110
+FSR – 3 LSB
111 . . . 100 to 111 . . . 101
AGND + 3 LSB
000 . . . 010 to 000 . . . 011
AGND + 2 LSB
000 . . . 001 to 000 . . . 010
AGND + 1 LSB
000 . . . 000 to 000 . . . 001
NOTES
1FSR is Full-Scale Range and is 5 V for AD7893-5 and 2.5 V for AD7893-2
with REF IN = +2.5 V.
21 LSB = FSR/4096 and is 1.22 mV for AD7893-5 and 0.61 mV for AD7893-2
with REF IN = +2.5 V.


Similar Part No. - AD7893SQ-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893SQ-10 AD-AD7893SQ-10 Datasheet
375Kb / 13P
   LC2MOS 12-Bit ADC in 8-Pin Package
More results

Similar Description - AD7893SQ-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
340Kb / 12P
   LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
REV. E
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893_17 Datasheet
375Kb / 13P
   LC2MOS 12-Bit ADC in 8-Pin Package
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893 AD-AD7893_15 Datasheet
343Kb / 12P
   LC MOS 12-Bit, Serial 6s ADC in 8-Pin Package
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com