Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9912ABCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9912ABCPZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912ABCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9912ABCPZ Datasheet HTML 5Page - Analog Devices AD9912ABCPZ Datasheet HTML 6Page - Analog Devices AD9912ABCPZ Datasheet HTML 7Page - Analog Devices AD9912ABCPZ Datasheet HTML 8Page - Analog Devices AD9912ABCPZ Datasheet HTML 9Page - Analog Devices AD9912ABCPZ Datasheet HTML 10Page - Analog Devices AD9912ABCPZ Datasheet HTML 11Page - Analog Devices AD9912ABCPZ Datasheet HTML 12Page - Analog Devices AD9912ABCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9912
Rev. F | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DVDD_I/O
DVSS
DVDD
DVSS
DVDD
DVSS
DVDD
DVSS
S1
S2
AVDD
NC
NC
AVDD3
NC
NC
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
DAC_RSET
AVDD3
AVDD3
AVDD
AVDD
AVSS
AVDD
FDBK_IN
FDBK_INB
AVSS
OUT_CMOS
AVDD3
AVDD
OUT
OUTB
AVSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9912
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
1
I
Power
DVDD_I/O
I/O Digital Supply.
2, 4, 6, 8
I
Power
DVSS
Digital Ground. Connect to ground.
3, 5, 7
I
Power
DVDD
Digital Supply.
9, 10, 54, 55
I/O
3.3 V CMOS
S1, S2, S3, S4
Start-Up Configuration Pins. These pins are configured under program
control and do not have internal pull-up/pull-down resistors.
11, 19, 23 to 26,
29, 30, 36, 42, 44,
45, 53
I
Power
AVDD
Analog Supply. Connect to a nominal 1.8 V supply.
12, 13, 15, 16, 17,
18, 20, 21, 22
NC
No Connect. These unused pins can be left unconnected.
14, 46, 47, 49
I
Power
AVDD3
Analog Supply. Connect to a nominal 3.3 V supply.
27
I
Differential
input
SYSCLK
System Clock Input. The system clock input has internal dc biasing and
should always be ac-coupled, except when using a crystal. Single-ended
1.8 V CMOS can also be used, but it may introduce a spur caused by an input
duty cycle that is not 50%. When using a crystal, tie the CLKMODESEL pin
to AVSS, and connect crystal directly to this pin and Pin 28.
28
I
Differential
input
SYSCLKB
Complementary System Clock. Complementary signal to the input
provided on Pin 27. Use a 0.01 μF capacitor to ground on this pin if the
signal provided on Pin 27 is single-ended.
31
O
LOOP_FILTER
System Clock Multiplier Loop Filter. When using the frequency multiplier to
drive the system clock, an external loop filter must be constructed and
attached to this pin. This pin should be pulled down to ground with 1 kΩ
resistor when the system clock PLL is bypassed. See Figure 46 for a diagram
of the system clock PLL loop filter.


Similar Part No. - AD9912ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
More results

Similar Description - AD9912ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9915 AD-AD9915 Datasheet
877Kb / 48P
   2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9858 AD-AD9858 Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com