Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP608BKSZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP608BKSZ-RL
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608BKSZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP608BKSZ-RL Datasheet HTML 2Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 3Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 4Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 5Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 6Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 7Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 8Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 9Page - Analog Devices ADCMP608BKSZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCMP608
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VCC =2.5 V, TA = 25°C, unless otherwise noted.
0.5
1.0
1.5
2.0
2.5
3.0
38.0
37.8
37.6
37.4
37.2
37.0
36.8
36.6
36.4
36.2
36.0
VCM AT VCC (2.5V)
PROPAGATION DELAY RISE
PROPAGATION DELAY FALL
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
VCM AT VCC (2.5V)
5
4
3
2
1
0
–1
–2
–3
–4
–5
+125°C
–40°C
+25°C
Figure 3. Input Bias Current vs. Input Common-Mode Voltage
Figure 6. Propagation Delay vs. Input Common-Mode Voltage
150
100
50
0
OD (mV)
60
55
50
45
40
35
30
25
20
VCC = 5.5V
RISE DELAY
VCC = 5.5V
FALL DELAY
VCC = 2.5V
RISE DELAY
VCC = 2.5V
FALL DELAY
Q
0.5V/DIV
10ns/DIV
Figure 7. 1 MHz Output Voltage Waveform VCC = 2.5 V
Figure 4. Propagation Delay vs. Input Overdrive at VCC = 2.5 V and 5.5 V
1V/DIV
10ns/DIV
Q
4.0
–1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.5
1.0
0.5
0
–0.5
–1.0
VOUT (V)
SINK
SOURCE
Figure 8. 1 MHz Output Voltage Waveform VCC = 5.5 V
Figure 5. Load Current (mA) vs. VOH/VOL


Similar Part No. - ADCMP608BKSZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP608BKSZ-RL AD-ADCMP608BKSZ-RL Datasheet
258Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
More results

Similar Description - ADCMP608BKSZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468 AD-AD8468 Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608 AD-ADCMP608_07 Datasheet
258Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP609 AD-ADCMP609 Datasheet
289Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
   Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Rev. PrA
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
REV. 0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8468 AD-AD8468_15 Datasheet
273Kb / 12P
   Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
ADCMP608 AD-ADCMP608_15 Datasheet
238Kb / 10P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com