Electronic Components Datasheet Search |
|
ADP3309ART-2.5-RL Datasheet(PDF) 3 Page - Analog Devices |
|
ADP3309ART-2.5-RL Datasheet(HTML) 3 Page - Analog Devices |
3 / 12 page ADP3309 Rev. C | Page 3 of 12 SPECIFICATIONS @ TA = −20°C to +85°C, VIN = 7 V, CIN = 0.47 μF, COUT = 0.47 μF, unless otherwise noted.1 The following specifications apply to all voltage options. Table 1. Parameter Symbol Conditions Min Typ Max Unit Output Voltage Accuracy VOUT VIN = VOUTNOM + 0.3 V to 12 V, −1.2 +1.2 % IL = 0.1 mA to 100 mA, TA = 25°C VIN = VOUTNOM + 0.3 V to 12 V, −2.2 +2.2 % IL = 0.1 mA to 100 mA Line Regulation IN OUT ΔV ΔV VIN = VOUTNOM + 0.3 V to 12 V, TA = 25°C 0.02 mV/V Load Regulation L OUT ΔI ΔV IL = 0.1 mA to 100 mA, TA = 25°C 0.06 mV/mA Ground Current IGND IL = 100 mA 0.8 2.0 mA IL = 0.1 mA 0.19 0.3 mA Ground Current in Dropout IGND VIN = 2.4 V, IL = 0.1 mA 0.9 1.7 mA Dropout Voltage VDROP VOUT = 98% of VOUTNOM IL = 100 mA 0.12 0.25 V IL = 10 mA 0.025 0.07 V IL = 1 mA 0.004 0.015 V Shutdown Threshold VTHSD On 2.0 V Off 0.3 V Shutdown Pin Input Current ISDIN 0 < VSD ≤ 5 V 1 μA 5 < VSD ≤ 12 V @ VIN = 12 V 9 μA Ground Current in Shutdown Mode IQ VSD = 0 V, VIN = 12 V, TA = 25°C 0.005 1 μA VSD = 0 V, VIN = 12 V, TA = 85°C 0.01 3 μA Output Current in Shutdown Mode IOSD TA = 25°C @ VIN = 12 V 2 μA TA = 85°C @ VIN = 12 V 4 μA Error Pin Output Leakage IEL VEO = 5 V 13 μA Error Pin Output Low Voltage VEOL ISINK = 400 μA 0.12 0.3 V Peak Load Current ILDPK VIN = VOUTNOM + 1 V, TA = 25°C 150 mA Output Noise @ 5 V Input VNOISE f = 10 Hz to 100 kHz 100 μV rms 1 Ambient temperature of 85°C corresponds to a junction temperature of 125°C under typical full load test conditions. |
Similar Part No. - ADP3309ART-2.5-RL |
|
Similar Description - ADP3309ART-2.5-RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |