Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB60N06 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTB60N06
Description  TMOS POWER FET 60 AMPERES 60 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB60N06 Datasheet(HTML) 3 Page - Motorola, Inc

  MTB60N06 Datasheet HTML 1Page - Motorola, Inc MTB60N06 Datasheet HTML 2Page - Motorola, Inc MTB60N06 Datasheet HTML 3Page - Motorola, Inc MTB60N06 Datasheet HTML 4Page - Motorola, Inc MTB60N06 Datasheet HTML 5Page - Motorola, Inc MTB60N06 Datasheet HTML 6Page - Motorola, Inc MTB60N06 Datasheet HTML 7Page - Motorola, Inc MTB60N06 Datasheet HTML 8Page - Motorola, Inc MTB60N06 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MTB60N06HD
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
ID, DRAIN CURRENT (AMPS)
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPS)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
0
20
40
80
120
100
60
0
1.0
2.0
3.0
4.0
5.0
0
20
40
80
120
Figure 1. On–Region Characteristics
2.0
2.8
3.6
4.4
6.0
7.6
Figure 2. Transfer Characteristics
0
20
40
60
80
120
0.006
0.008
0.012
0.016
0.020
0.0100
0.0108
0.0116
0.0124
0.0132
Figure 3. On–Resistance versus Drain Current
and Temperature
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
– 50
0.6
0.8
1.0
1.4
1.8
0
10
20
40
50
60
1
10
100
1000
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–to–Source Leakage
Current versus Voltage
– 25
0
25
50
75
100
125
150
100
60
0.5
1.5
2.5
3.5
4.5
6.8
0.018
0.014
0.010
100
0
20
40
60
80
120
100
0.0128
0.0120
0.0112
0.0104
1.2
1.6
30
VGS = 10 V
9 V
8 V
100
°C
25
°C
TJ = – 55°C
TJ = 25°C
15 V
VGS = 10 V
VGS = 10 V
– 55
°C
VGS = 0 V
TJ = 125°C
100
°C
25
°C
5 V
6 V
TJ = 25°C
7 V
10
30
50
70
90
110
10
30
50
70
90
110
VDS ≥ 10 V
5.2
VGS = 10 V
ID = 30 A
TJ = 100°C
25
°C


Similar Part No. - MTB60N06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTB60N06HD ONSEMI-MTB60N06HD Datasheet
284Kb / 11P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
MTB60N06HDT4 ONSEMI-MTB60N06HDT4 Datasheet
284Kb / 11P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
logo
VBsemi Electronics Co.,...
MTB60N06HDT4 VBSEMI-MTB60N06HDT4 Datasheet
986Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Cystech Electonics Corp...
MTB60N06J3 CYSTEKEC-MTB60N06J3 Datasheet
265Kb / 7P
   N -Channel Enhancement Mode Power MOSFET
MTB60N06L3 CYSTEKEC-MTB60N06L3 Datasheet
300Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB60N06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
   TMOS POWER FET 42 AMPERES 60 VOLTS
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
   TMOS POWER FET 52 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MMFT3055V MOTOROLA-MMFT3055V Datasheet
91Kb / 4P
   TMOS POWER FET 1.7 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com