Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM25C160LZEM8 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NM25C160LZEM8
Description  16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C160LZEM8 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NM25C160LZEM8 Datasheet HTML 2Page - Fairchild Semiconductor NM25C160LZEM8 Datasheet HTML 3Page - Fairchild Semiconductor NM25C160LZEM8 Datasheet HTML 4Page - Fairchild Semiconductor NM25C160LZEM8 Datasheet HTML 5Page - Fairchild Semiconductor NM25C160LZEM8 Datasheet HTML 6Page - Fairchild Semiconductor NM25C160LZEM8 Datasheet HTML 7Page - Fairchild Semiconductor NM25C160LZEM8 Datasheet HTML 8Page - Fairchild Semiconductor NM25C160LZEM8 Datasheet HTML 9Page - Fairchild Semiconductor NM25C160LZEM8 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
NM25C160 Rev. D.1
Functional Description
TABLE 1. Instruction Set
Instruction Instruction
Operation
Name
Opcode
WREN
00000110
Set Write Enable Latch
WRDI
00000100
Reset Write Enable Latch
RDSR
00000101
Read Status Register
WRSR
00000001
Write Status Register
READ
00000011
Read Data from Memory
Array
WRITE
00000010
Write Data to Memory Array
MASTER: The device that generates the serial clock is desig-
nated as the master. The NM25C160 can never function as a
master.
SLAVE: The NM25C160 always operates as a slave as the serial
clock pin is always an input.
TRANSMITTER/RECEIVER: The NM25C160 has separate pins
for data transmission (SO) and reception (SI).
MSB: The Most Significant Bit is the first bit transmitted and
received.
CHIP SELECT: The chip is selected when pin CS is low. When the
chip is
not selected, data will not be accepted from pin SI, and the
output pin SO is in high impedance.
SERIAL OP-CODE: The first byte transmitted after the chip is
selected with CS going low contains the op-code that defines the
operation to be performed.
PROTOCOL: When connected to the SPI port of a 68HC11
microcontroller, the NM25C160 accepts a clock phase of 0 and a
clock polarity of 0. The SPI protocol for this device defines the byte
transmitted on the SI and SO data lines for proper chip operation.
See Figure 4.
FIGURE 4. SPI Protocol


CS
SI
SO
INVALID CODE
DS012402-7




CS
SCK
SI
SO
Bit 7 Bit 6
Bit 0
Bit 1
Bit 7
Bit 0
DS012402-5
HOLD: The HOLD pin is used in conjunction with the CS to select
the device. Once the device is selected and a serial sequence is
underway, HOLD may be forced low to suspend further serial
communication with the device without resetting the serial se-
quence. Note that HOLD must be brought low while the SCK pin
is low. The device must remain selected during this sequence. To
resume serial communication HOLD is brought high while the
SCK pin is low. The SO pin is at a high impedance state during
HOLD.
INVALID OP-CODE: After an invalid code is received, no data is
shifted into the NM25C160, and the SO data output pin remains
high impedance until a new CS falling edge reinitializes the serial
communication. See Figure 5.
FIGURE 5. Invalid Op-Code
Data is clocked in on the positive SCK edge and out on the
negative SCK edge.


Similar Part No. - NM25C160LZEM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8 FAIRCHILD-NM25C040EM8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EM8X FAIRCHILD-NM25C040EM8X Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C040EMT8 FAIRCHILD-NM25C040EMT8 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
More results

Similar Description - NM25C160LZEM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C040 FAIRCHILD-NM25C040 Datasheet
101Kb / 10P
   4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com