Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM93C56A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NM93C56A
Description  2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM93C56A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NM93C56A Datasheet HTML 1Page - Fairchild Semiconductor NM93C56A Datasheet HTML 2Page - Fairchild Semiconductor NM93C56A Datasheet HTML 3Page - Fairchild Semiconductor NM93C56A Datasheet HTML 4Page - Fairchild Semiconductor NM93C56A Datasheet HTML 5Page - Fairchild Semiconductor NM93C56A Datasheet HTML 6Page - Fairchild Semiconductor NM93C56A Datasheet HTML 7Page - Fairchild Semiconductor NM93C56A Datasheet HTML 8Page - Fairchild Semiconductor NM93C56A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.fairchildsemi.com
NM93C56A Rev. F.1
March 2000
© 2000 Fairchild Semiconductor International
NM93C56A
2K-Bit Serial CMOS EEPROM
(MICROWIRE™ Synchronous Bus)
General Description
NM93C56A is a 2048-bit CMOS non-volatile EEPROM organized
as 128 x 16-bit array. This device features MICROWIRE interface
which is a 4-wire serial bus with chipselect (CS), clock (SK), data
input (DI) and data output (DO) signals. This interface is compat-
ible to many of standard Microcontrollers and Microprocessors.
This device offers a pin (ORG), using which, the user can select
the format of the data (16-bit or 8-bit). If ORG is tied to GND, then
8-bit format is selected, while if ORG is tied to VCC, then 16-bit
format is selected. There are 7 instructions implemented on the
NM93C56A for various Read, Write, Erase, and Write Enable/
Disable operations. This device is fabricated using Fairchild
Semiconductor floating-gate CMOS process for high reliability,
high endurance and low power consumption.
“LZ” and “L” versions of NM93C56A offer very low standby current
making them suitable for low power applications. This device is
offered in both SO and TSSOP packages for small space consid-
erations.
Functional Diagram
Features
I Wide V
CC 2.7V - 5.5V
I User selectable organization
x16 (ORG = 1)
x8 (ORG = 0)
I Typical active current of 200µA
10
µA standby current typical
1
µA standby current typical (L)
0.1
µA standby current typical (LZ)
I No Erase instruction required before Write instruction
I Self timed write cycle
I Device status during programming cycles
I 40 year data retention
I Endurance: 1,000,000 data changes
I Packages available: 8-pin SO, 8-pin DIP, 8-pin TSSOP
INSTRUCTION
DECODER
CONTROL LOGIC
AND CLOCK
GENERATORS
HIGH VOLTAGE
GENERATOR
AND
PROGRAM
TIMER
INSTRUCTION
REGISTER
ADDRESS
REGISTER
EEPROM ARRAY
READ/WRITE AMPS
DATA IN/OUT REGISTER
16/8 BITS
DECODER
16
16
DATA OUT BUFFER
CS
SK
DI
ORG
DO
VSS
VCC


Similar Part No. - NM93C56A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
110Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
National Semiconductor ...
NM93C56EM NSC-NM93C56EM Datasheet
290Kb / 8P
   Electrically Erasable Programmable Memories
logo
Fairchild Semiconductor
NM93C56EM8 FAIRCHILD-NM93C56EM8 Datasheet
110Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
National Semiconductor ...
NM93C56EN NSC-NM93C56EN Datasheet
290Kb / 8P
   Electrically Erasable Programmable Memories
More results

Similar Description - NM93C56A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com