Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7401BSTZ-110 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7401BSTZ-110
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7401BSTZ-110 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7401BSTZ-110 Datasheet HTML 4Page - Analog Devices ADV7401BSTZ-110 Datasheet HTML 5Page - Analog Devices ADV7401BSTZ-110 Datasheet HTML 6Page - Analog Devices ADV7401BSTZ-110 Datasheet HTML 7Page - Analog Devices ADV7401BSTZ-110 Datasheet HTML 8Page - Analog Devices ADV7401BSTZ-110 Datasheet HTML 9Page - Analog Devices ADV7401BSTZ-110 Datasheet HTML 10Page - Analog Devices ADV7401BSTZ-110 Datasheet HTML 11Page - Analog Devices ADV7401BSTZ-110 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADV7401
Rev. B | Page 8 of 20
ANALOG SPECIFICATIONS
@ AVDD = 3.1.5 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. Operating temperature
range, unless otherwise noted. Recommended analog input video signal range: 0.5 V to 1.6 V, typically 1 V p-p.
Table 4.
Parameter1, 2, 3
Test Conditions
Min
Typ
Max
Unit
CLAMP CIRCUITRY
External Clamp Capacitor
0.1
μF
Input Impedance4
Clamps switched off
10
Input Impedance of Pin 51 (FB)
20
CML
1.86
V
ADC Full-Scale Level
CML + 0.8 V
V
ADC Zero-Scale level
CML − 0.8 V
V
ADC Dynamic Range
1.6
V
Clamp Level (When Locked)
CVBS input
CML – 0.292 V
V
SCART RGB input (R, G, B signals)
CML – 0.4 V
V
S-Video input (Y signal)
CML – 0.292 V
V
S-Video input (C signal)
CML – 0 V
V
Component input (Y, Pr, Pb signals)
CML – 0.3 V
V
PC RGB input (R, G, B signals)
CML – 0.3 V
V
Large Clamp Source Current
SDP only
0.75
mA
Large Clamp Sink Current
SDP only
0.9
mA
Fine Clamp Source Current
SDP only
17
μA
Fine Clamp Sink Current
SDP only
17
μA
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX: −40°C to +85°C (0°C to 70°C temperature range for ADV7401KSTZ-140).
3 Guaranteed by characterization.
4 Except Pin 51 (FB).


Similar Part No. - ADV7401BSTZ-110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results

Similar Description - ADV7401BSTZ-110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com