Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL343BCCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL343BCCZ
Description  Digital MEMS Accelerometer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL343BCCZ Datasheet(HTML) 3 Page - Analog Devices

  ADXL343BCCZ Datasheet HTML 1Page - Analog Devices ADXL343BCCZ Datasheet HTML 2Page - Analog Devices ADXL343BCCZ Datasheet HTML 3Page - Analog Devices ADXL343BCCZ Datasheet HTML 4Page - Analog Devices ADXL343BCCZ Datasheet HTML 5Page - Analog Devices ADXL343BCCZ Datasheet HTML 6Page - Analog Devices ADXL343BCCZ Datasheet HTML 7Page - Analog Devices ADXL343BCCZ Datasheet HTML 8Page - Analog Devices ADXL343BCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADXL343
Rev. 0 | Page 3 of 36
SPECIFICATIONS
TA = 25°C, VS = 2.5 V, VDD I/O = 1.8 V, acceleration = 0 g, CS = 10 µF tantalum, CI/O = 0.1 µF, output data rate (ODR) = 800 Hz, unless
otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ1
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
User selectable
±2, ±4, ±8, ±16
g
Nonlinearity
Percentage of full scale
±0.5
%
Inter-Axis Alignment Error
±0.1
Degrees
Cross-Axis Sensitivity2
±1
%
OUTPUT RESOLUTION
Each axis
All g Ranges
10-bit resolution
10
Bits
±2 g Range
Full resolution
10
Bits
±4 g Range
Full resolution
11
Bits
±8 g Range
Full resolution
12
Bits
±16 g Range
Full resolution
13
Bits
SENSITIVITY
Each axis
Sensitivity at XOUT, YOUT, ZOUT
All g ranges, full resolution
256
LSB/g
±2 g, 10-bit resolution
256
LSB/g
±4 g, 10-bit resolution
128
LSB/g
±8 g, 10-bit resolution
64
LSB/g
±16 g, 10-bit resolution
32
LSB/g
Sensitivity Deviation from Ideal
All g ranges
±1.0
%
Scale Factor at XOUT, YOUT, ZOUT
All g ranges, full resolution
3.9
mg/LSB
±2 g, 10-bit resolution
3.9
mg/LSB
±4 g, 10-bit resolution
7.8
mg/LSB
±8 g, 10-bit resolution
15.6
mg/LSB
±16 g, 10-bit resolution
31.2
mg/LSB
Sensitivity Change Due to Temperature
±0.01
%/°C
0 g OFFSET
Each axis
0 g Output Deviation from Ideal, X-, Y-, Z-Axes
±35
mg
0 g Offset vs. Temperature for X-, Y-, Z-Axes
±0.8
mg/°C
NOISE
X-, Y-, Z-Axes
ODR = 100 Hz for ±2 g, 10-bit resolution
or all g-ranges, full resolution
1.1
LSB rms
OUTPUT DATA RATE AND BANDWIDTH
User selectable
Output Data Rate (ODR)3, 4, 5
0.1
3200
Hz
SELF-TEST6
Output Change in X-Axis
0.20
2.10
g
Output Change in Y-Axis
−2.10
−0.20
g
Output Change in Z-Axis
0.30
3.40
g
POWER SUPPLY
Operating Voltage Range (VS)
2.0
2.5
3.6
V
Interface Voltage Range (VDD I/O)
1.7
1.8
VS
V
Supply Current
ODR ≥ 100 Hz
140
µA
ODR < 10 Hz
30
µA
Standby Mode Leakage Current
0.1
µA
Turn-On and Wake-Up Time7
ODR = 3200 Hz
1.4
ms


Similar Part No. - ADXL343BCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
More results

Similar Description - ADXL343BCCZ

ManufacturerPart #DatasheetDescription
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
   MEMS ACCELEROMETER
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
   LIS302DL 3-axis digital MEMS accelerometer
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
   MEMS motion sensor three-axis digital output accelerometer
October 2017 Rev 3
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
logo
STMicroelectronics
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
   MEMS inertial sensor 3-axis, low g accelerometer with digital output
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
logo
Analog Devices
ADXL1005 AD-ADXL1005 Datasheet
494Kb / 14P
   Low Noise, Wide Bandwidth, MEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com