Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP293 Datasheet(PDF) 8 Page - Analog Devices

Part # OP293
Description  Precision, Micropower Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP293 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP293 Datasheet HTML 4Page - Analog Devices OP293 Datasheet HTML 5Page - Analog Devices OP293 Datasheet HTML 6Page - Analog Devices OP293 Datasheet HTML 7Page - Analog Devices OP293 Datasheet HTML 8Page - Analog Devices OP293 Datasheet HTML 9Page - Analog Devices OP293 Datasheet HTML 10Page - Analog Devices OP293 Datasheet HTML 11Page - Analog Devices OP293 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OP193/OP293
Rev. C | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage1
±18 V
Input Voltage1
±18 V
Differential Input Voltage1
±18 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
For supply voltages less than ±18 V, the input voltage is limited to the
supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA1
θJC
Unit
8-Lead SOIC_N (S)
158
43
°C/W
1
θJA is specified for the worst-case conditions. θJA is specified for a device
soldered in a circuit board for the SOIC package.
ESD CAUTION


Similar Part No. - OP293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP293 AD-OP293 Datasheet
266Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. A
OP293 AD-OP293 Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
logo
OPTEK Technologies
OP293A OPTEK-OP293A Datasheet
505Kb / 4P
   GaAlAs Plastic Infrared Emitting Diodes
OP293A OPTEK-OP293A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP293A OPTEK-OP293A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP293

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP193 AD-OP193 Datasheet
266Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. A
OP193 AD-OP193_02 Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727 Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com