Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM27C256VE100 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NM27C256VE100
Description  262,144-Bit (32K x 8) High Performance CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C256VE100 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NM27C256VE100 Datasheet HTML 1Page - Fairchild Semiconductor NM27C256VE100 Datasheet HTML 2Page - Fairchild Semiconductor NM27C256VE100 Datasheet HTML 3Page - Fairchild Semiconductor NM27C256VE100 Datasheet HTML 4Page - Fairchild Semiconductor NM27C256VE100 Datasheet HTML 5Page - Fairchild Semiconductor NM27C256VE100 Datasheet HTML 6Page - Fairchild Semiconductor NM27C256VE100 Datasheet HTML 7Page - Fairchild Semiconductor NM27C256VE100 Datasheet HTML 8Page - Fairchild Semiconductor NM27C256VE100 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
Connection Diagrams
Commercial Temp. Range (0
°C to +70°C)
VCC = 5V ±10%
Parameter/Order Number
Access Time (ns)
NM27C256 Q, N, V 90
90
NM27C256 Q, N, V 100
100
NM27C256 Q, N, V 120
120
NM27C256 Q, N, V 150
150
NM27C256 Q, N, V 200
200
Extended Temp. Range (-40
°C to +85°C)
V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
NM27C256 QE, NE, VE 120
120
NM27C256 QE, NE, VE 150
150
NM27C256 QE, NE, VE 200
200
Note: Surface mount PLCC package available for commercial and extended
temperature ranges only.
Package Types: NM27C256 Q, N, V XXX
Q = Quartz-Windowed Ceramic DIP
N = Plastic OTP DIP
V = Surface-Mount PLCC
• All Packages conform to the JEDEC standard.
• All versions are guaranteed to function for slower speeds.
Pin Names
Symbol
Description
A0–A14
Addresses
CE/PGM
Chip Enable/Program
OE
Output Enable
O0–O7
Outputs
XX
Don’t Care (during Read)
PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
A19
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C080 27C040
27C040
XX/VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
DlP
NM27C256
VCC
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C512
27C512
XX/VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C010
XX/VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
27C020
27C020
27C010
VCC
XX/PGM
A17
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
27C080
VCC
A18
A17
A14
A13
A8
A9
A11
OE/VPP
A10
CE/PGM
O7
O6
O5
O4
O3
VCC
A18
A17
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
VCC
XX/PGM
XX
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
VCC
A14
A13
A8
A9
A11
OE/VPP
A10
CE/PGM
O7
O6
O5
O4
O3
Note: Compatible EPROM pin configurations are shown in the blocks adjacent to the NM27C256 pins.
A8
A9
A11
XX
OE
A10
CE/PGM
O7
O6
A6
A5
A4
A3
A2
A1
A0
XX
O0
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
14 15 16 17 18 19 20
4
3
2
1 32 31 30
DS010833-2
DS010833-3
Top


Similar Part No. - NM27C256VE100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C256VE120 NSC-NM27C256VE120 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256VE150 NSC-NM27C256VE150 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

Similar Description - NM27C256VE100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C256 FAIRCHILD-FM27C256 Datasheet
103Kb / 10P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
   HIGH SPEED 32K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
   Military 32K x 8 CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com