Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KP33SC Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 30KP33SC
Description  Glass passivated junction chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

30KP33SC Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  30KP33SC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 30KP33SC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 30KP33SC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VR : 33 - 400 Volts
PPK : 30,000 Watts
Glass passivated junction chip
Excellent Clamping Capability
Fast Response Time
Low Leakage Current
Pb / RoHS Free
Case : molded plastic
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
Polarity : Color band denotes cathode end
Mounting position : Any
Weight : 1.40 grams (approximate)
MAXIMUM RATINGS (Ta = 25 °C)
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation (10 x 1000
μs, see Fig.1 )
PPK
30,000
W
Steady State Power Dissipation
PD
7W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
(Uni-directional devices only)
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 150
°C
IFSM
250
A
50
100
0
T, TIME(ms)
01
2
3
Peak Value - IPP
Test Waveform
Paramiters
tr = 10
μs
tp = 1000
μs
10x1000
μs Waveform
Half Value - IPP
2
tp
tr
Fig. 1 - Pulse Wave Form
Dimensions in inches and ( millimeters )
DO-204AR
0.251 (6.40)
0.244 (6.20)
0.368 (9.35)
0.364 (9.25)
0.051 (1.30)
0.047 (1.20)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
30KP33S,SC SERIES
30K Watts TVS Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 30KP33SC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30KP33 MICROSEMI-30KP33 Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP33 NJSEMI-30KP33 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP33 NJSEMI-30KP33 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP33 NJSEMI-30KP33 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
30KP33 EIC-30KP33 Datasheet
125Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KP33SC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Vishay Siliconix
GPP15A VISHAY-GPP15A Datasheet
77Kb / 4P
   Glass passivated chip junction
Revision: 14-Jan-11
logo
List of Unclassifed Man...
6A05G ETC2-6A05G Datasheet
99Kb / 2P
   Glass passivated chip junction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com