Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA41-200 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BTA41-200
Description  Discrete Traics (Isolated)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTA41-200 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTA41-200 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-200 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-200 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-200 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-200 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BTA41-200
BTA41-400
BTA41-600
BTA41-800
BTA41-1000
BTA41-1200
VDRM
V
200
400
600
800
1000
1200
VDSM
V
220
450
700
900
1100
1300
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=80
41
A
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
420
400
350
320
A
ITSM
TVJ=45oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
880
850
760
720
A2s
i2t
(di/dt) cr
50
300
A/us
(dv/dt) cr T
VJ
=TVJM;
VDR=2/3VDRM
RGK= ; method 1 (linear voltage rise)
500
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=300us
10
5
W
PGAV
1
W
ITRMS
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
VISOL
50/60Hz, RMS
t=1minute,
leads-to-tab
2500
V~
Md
Mounting torque (M4)
0.8...1.5
Nm
Weight
6
g
TVJ=TVJM
repetitive, IT=40A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.3A
non repetitive, IT=ITAVM
diG/dt=0.3A/us
VRGM
10
V
oC
Unit:mm
T2
T1
G
min
max
min
max
A
0.81
0.835
20.57
21.21
B
0.61
0.63
15.49
16
C
0.178
0.188
4.52
4.78
D
0.055
0.07
1.4
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.211
0.219
5.36
5.56
L
0.422
0.437
10.72
11.1
M
0.058
0.068
1.47
1.72
N
0.045
0.055
1.14
1.4
P
0.095
0.115
2.41
2.92
O
0.008
0.016
0.2
0.41
R
0.008
0.016
0.2
0.41
U
0.159
0.163
4.04
4.14
W
0.085
0.095
2.17
2.42
Dim.
Inches
Millimeter
T1
T2
G
BTA41-200 thru BTA41-1200
Discrete Traics (Isolated)
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BTA41-200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA41-400 STMICROELECTRONICS-BTA41-400 Datasheet
74Kb / 5P
   STANDARD TRIACS
BTA41-400B STMICROELECTRONICS-BTA41-400B Datasheet
74Kb / 5P
   STANDARD TRIACS
logo
Inchange Semiconductor ...
BTA41-400B ISC-BTA41-400B Datasheet
220Kb / 1P
   isc Thyristors
logo
Continental Device Indi...
BTA41-600 CDIL-BTA41-600 Datasheet
75Kb / 2P
   Triac Series
logo
Inchange Semiconductor ...
BTA41-600 ISC-BTA41-600 Datasheet
213Kb / 1P
   isc Triacs
More results

Similar Description - BTA41-200

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STO875 SIRECTIFIER-STO875 Datasheet
304Kb / 3P
   Discrete Thyristors (Isolated)
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA08 SIRECT-BTA08 Datasheet
1Mb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB10 SIRECTIFIER-BTB10 Datasheet
256Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com