Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KP48S Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 30KP48S
Description  Glass passivated junction chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

30KP48S Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  30KP48S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 30KP48S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 30KP48S Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Reverse
Breakdown
Maximum
Maximum
Maximum
Maximum V(BR)
Part
Part
Stand Off
Voltage @ I(BR)
Reverse
Clamping
Peak Pulse
Temperature
Number
Number
Voltage
Leakage @ VWM
Voltage @ IPP
Current
Coefficient
(Uni-directional)
(Bi-directional)
VWM
VBR (V)
I(BR)
ID
VC
IPP
α
V(BR)
(V)
Min.
Max.
(mA)
(
μA)
(V)
(A)
(mV/°C)
30KP130SA
30KP130SCA
130
144
159
5
10
209
142
157
30KP150S
30KP150SC
150
167
204
5
10
268
112
202
30KP150SA
30KP150SCA
150
167
185
5
10
243
124
183
30KP160S
30KP160SC
160
178
218
5
10
287
104
216
30KP160SA
30KP160SCA
160
178
197
5
10
259
116
195
30KP170S
30KP170SC
170
189
231
5
10
304
98
229
30KP170SA
30KP170SCA
170
189
209
5
10
275
110
207
30KP180S
30KP180SC
180
200
244
5
10
321
94
242
30KP180SA
30KP180SCA
180
200
221
5
10
291
104
219
30KP200S
30KP200SC
200
222
271
5
10
356
84
269
30KP200SA
30KP200SCA
200
222
245
5
10
322
94
243
30KP220S
30KP220SC
220
245
299
5
10
393
76
297
30KP220SA
30KP220SCA
220
245
271
5
10
356
84
269
30KP250SA
30KP250SCA
250
278
308
5
10
403
74
306
30KP260SA
30KP260SCA
260
289
320
5
10
419
71
318
30KP280SA
30KP280SCA
280
311
345
5
10
451
66
344
30KP300SA
30KP300SCA
300
333
369
5
10
483
62
368
30KP350SA
30KP350SCA
350
389
431
5
10
564
53
430
30KP400SA
30KP400SCA
400
444
492
5
10
644
46
490
Note:
(1) For bidirectional type having VWM of 60 volts and less, the ID limit is double.
td Pulse Time - sec
100ns
1
μs10μs
100
μs
1ms
10ms
1.0
10
100
1,000
Fig. 2 - Peak Pulse Power vs. Pulse Time
1
10,000
1,000
10
1
10
100
1,000
VBR - Breakdown Voltage - Volts
Measued at
Stand-off Voltage
Measued at
Zero Bias
Fig. 3 - Typical Capacitance vs. Breakdown Voltage
30KP33S,SC SERIES
30K Watts TVS Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 30KP48S

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
30KP48 MICROSEMI-30KP48 Datasheet
188Kb / 3P
   30kW Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP48 NJSEMI-30KP48 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KP48S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Vishay Siliconix
GPP15A VISHAY-GPP15A Datasheet
77Kb / 4P
   Glass passivated chip junction
Revision: 14-Jan-11
logo
List of Unclassifed Man...
6A05G ETC2-6A05G Datasheet
99Kb / 2P
   Glass passivated chip junction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com