Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ30CA Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 3.0SMCJ30CA
Description  3000W peak pulse power capability with 10/1000關s waveform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

3.0SMCJ30CA Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  3.0SMCJ30CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ30CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ30CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ30CA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
(1)
Reverse
Reverse
Clamping
Peak Pulse
Voltage
Leakage
Voltage @ IPPM
Surge Current
@ VWM
VBR (V)
IT
VRWM
IR
VC
IPPM
Min.
Max.
(mA)
(V)
(µA)
(V)
(A)
3.0SMCJ11C
12.2
15.4
1.0
11
1000
20.1
149.2
3.0SMCJ11CA
12.2
14.0
1.0
11
1000
18.2
184.8
3.0SMCJ12C
13.3
16.9
1.0
12
1000
22.0
136.4
3.0SMCJ12CA
13.3
15.3
1.0
12
1000
19.9
150.6
3.0SMCJ13C
14.4
18.2
1.0
13
500
23.8
126.0
3.0SMCJ13CA
14.4
16.5
1.0
13
500
21.5
139.4
3.0SMCJ14C
15.6
19.8
1.0
14
200
25.8
116.2
3.0SMCJ14CA
15.6
17.9
1.0
14
200
23.2
129.4
3.0SMCJ15C
16.7
21.1
1.0
15
100
26.9
111.6
3.0SMCJ15CA
16.7
19.2
1.0
15
100
24.4
123.0
3.0SMCJ16C
17.8
22.6
1.0
16
50
28.8
104.2
3.0SMCJ16CA
17.8
20.5
1.0
16
50
26.0
115.4
3.0SMCJ17C
18.9
23.9
1.0
17
20
30.5
98.4
3.0SMCJ17CA
18.9
21.7
1.0
17
20
27.6
106.6
3.0SMCJ18C
20.0
25.3
1.0
18
10
32.2
93.2
3.0SMCJ18CA
20.0
23.3
1.0
18
10
29.2
102.8
3.0SMCJ20C
22.2
28.1
1.0
20
10
35.8
83.8
3.0SMCJ20CA
22.2
25.5
1.0
20
10
32.4
92.6
3.0SMCJ22C
24.4
30.9
1.0
22
5
39.4
76.2
3.0SMCJ22CA
24.4
28.0
1.0
22
5
35.5
84.4
3.0SMCJ24C
26.7
33.8
1.0
24
5
43.0
69.8
3.0SMCJ24CA
26.7
30.7
1.0
24
5
38.9
77.2
3.0SMCJ26C
28.9
36.6
1.0
26
5
46.6
64.4
3.0SMCJ26CA
28.9
33.2
1.0
26
5
42.1
71.2
3.0SMCJ28C
31.1
39.4
1.0
28
5
50.0
60.0
3.0SMCJ28CA
31.1
35.8
1.0
28
5
45.4
66.0
3.0SMCJ30C
33.3
42.2
1.0
30
5
53.5
56.0
3.0SMCJ30CA
33.3
38.3
1.0
30
5
48.4
62.0
3.0SMCJ33C
36.7
46.5
1.0
33
5
59.0
50.4
3.0SMCJ33CA
36.7
42.2
1.0
33
5
53.3
56.2
3.0SMCJ36C
40.0
50.7
1.0
36
5
64.3
46.6
3.0SMCJ36CA
40.0
46.0
1.0
36
5
58.1
51.6
3.0SMCJ40C
44.4
56.3
1.0
40
5
71.4
42.0
3.0SMCJ40CA
44.4
51.1
1.0
40
5
64.5
46.4
3.0SMCJ43C
47.8
60.5
1.0
43
5
76.7
39.2
3.0SMCJ43CA
47.8
54.9
1.0
43
5
69.4
43.2
3.0SMCJ45C
50.0
63.3
1.0
45
5
80.3
37.4
3.0SMCJ45CA
50.0
57.5
1.0
45
5
72.7
41.2
3.0SMCJ48C
53.3
67.5
1.0
48
5
85.5
35.0
3.0SMCJ48CA
53.3
61.3
1.0
48
5
77.4
38.8
3.0SMCJ51C
56.7
71.8
1.0
51
5
91.1
37.0
3.0SMCJ51CA
56.7
65.2
1.0
51
5
82.4
36.4
3.0SMCJ54C
60.0
76.0
1.0
54
5
96.3
31.2
3.0SMCJ54CA
60.0
69.0
1.0
54
5
87.1
34.4
Type
3.0SMCJ Series
Surface Mount Transient Voltage Suppessor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 3.0SMCJ30CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ30CA WTE-3.0SMCJ30CA Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ30CA WTE-3.0SMCJ30CA Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3.0SMCJ30CA MDE-3.0SMCJ30CA Datasheet
117Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ30CA DIOTECH-3.0SMCJ30CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ30CA DIOTECH-3.0SMCJ30CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ30CA

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
3.0SMCJ_5.0_220A BWTECH-3.0SMCJ_5.0_220A Datasheet
595Kb / 7P
   3000W peak pulse power capability with a 10/1000us waveform
logo
AiT Semiconductor Inc.
SMDJ5.0CA AITSEMI-SMDJ5.0CA Datasheet
400Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER
REV1.0
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Shanghai Leiditech Elec...
ULC0502M3Q LEIDITECH-ULC0502M3Q Datasheet
1,018Kb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20關s)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com