Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18S72 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 18S72
Description  Terminal Straps and Brackets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

18S72 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  18S72 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 18S72 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Terminal Straps and Brackets
1418 Series Enclosures
Features
Used to provide convenient mounting for terminal blocks, pneumatic
controls or small relays in 1418 wallmount enclosures.
Brackets may be installed horizontally or vertically in an enclosure if the
size corresponds to enclosure length or width.
Finished in white.
Bracket Assembly
Each kit consists of two or three brackets per assembly.
Brackets combined with collar stud length provide 3" minimum
clearance from the rear of the enclosure.
"C" channel construction provides easy alignment of terminal straps.
Terminal Strap
1.5" wide x 0.187" thick steel.
Each strap includes spring locking hardware.
Countersunk holes in straps provide extra terminal mounting space.
How to Order
Each enclosure requires one bracket assembly kit and the required
number of straps (order separately).
Determine if strap will be mounted parallel to dimension "A" or "B".
Choose the part number that corresponds to enclosure dimensions "A"
or "B".
When choosing a bracket assembly to be parallel to dimension "B" in an
enclosure of 24", 30" or 36" width, determine if a two or three bracket
assembly is required. When enclosures are 48" or greater on "A"
dimension, 6 collar studs are used.
Choose strap kit to correspond to the other enclosure dimensions.
Order the number of kits equal to the number of straps required.
Quality Products. Service Excellence.


Similar Part No. - 18S72

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
18S72 HAMMOND-18S72 Datasheet
134Kb / 2P
   Sangles et supports pour borniers
More results

Similar Description - 18S72

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-AH-DX50 SICK-BEF-AH-DX50 Datasheet
446Kb / 4P
   Terminal and alignment brackets
BEF-FL-BYRD40-LFP1 SICK-BEF-FL-BYRD40-LFP1 Datasheet
220Kb / 3P
   Terminal and alignment brackets
BEF-2SMGEAAL2 SICK-BEF-2SMGEAAL2 Datasheet
272Kb / 3P
   Terminal and alignment brackets
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
Ohmite Mfg. Co.
18-100 OHMITE-18-100 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
SICK AG
BEF-1SHABRST2 SICK-BEF-1SHABRST2 Datasheet
408Kb / 3P
   Alignment brackets
BEF-1SHABPKU4 SICK-BEF-1SHABPKU4 Datasheet
362Kb / 3P
   Alignment brackets
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com