Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108H Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 108H
Description  P.C. Board Mount (107-109 Series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

108H Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  108H Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
P.C. Board Mount (107-109 Series)
MINIATURE EPOXY POTTED
AUDIO TRANSFORMERS
Audio input, line matching and output transformers.
Epoxy potted in an attractive molded case, Pin type P.C. board mount (min. 0.187" length).
In some models where no center tap is required (on secondary), pin No. 5 is omitted.
Power level ratings are maximum at lowest frequency rating (noted by series above charts) power can be increased
slightly at higher frequencies (except 107X).
Will withstand soldering for 10 sec. @ 260 degrees C, ambient temp. 85 degrees C max.
150 milliwatt (+/- 1.5 db, 300 Hz. - 50 Khz.) - 107 Series
500 milliwatt (+/- 1.5 db, 300 Hz. - 50 Khz.) - 108 Series
2 Watt (+/- 1.5 db 300Hz. - 50 Khz.) - 109 Series
Part
No.
Nominal
Impedance
Primary (1-3)
Secondary
(4-6)
D.C. Resistance
+/- 20%
Primary (1-3)
Secondary
(4-6)
Max D.C.
Unbalance
107B
150 C.T.
12
20
2
12
107D
150 C.T.
150 C.T.
20
25
12
107E
600 C.T.
3.2
59
0.6
6
107G
600 C.T.
250 C.T.
59
10
6
107H
600 C.T.
600 C.T.
59
75
6
107J
1K C.T.
600 C.T.
92
71
4.5
107L
10K C.T.
3.2
780
0.65
1.5
107N
10K C.T.
600 C.T.
680
70
1.5
107P
10K C.T.
1.5K C.T.
680
150
1.5
107R
10K C.T.
4K C.T.
680
390
1.5
107T
10K C.T.
10K C.T.
680
700
1.5
107V
25K C.T.
600 C.T.
1300
70
1
107X
100K C.T.
1K C.T.
3700
80
0
Part
No.
Nominal
Impedance
Primary (1-3)
Secondary
(4-6)
D.C. Resistance
+/- 20%
Primary (1-3)
Secondary
(4-6)
Max D.C.
Unbalance
108E
600 C.T.
3.2
65
0.43
6
108F
600 C.T.
150 C.T.
65
18
6
108G
600 C.T.
250 C.T.
65
29
6
108H
600 C.T.
600 C.T.
65
69
6
108J
1K C.T.
600 C.T.
109
69
4.5
108K
1.5K C.T.
600 C.T.
170
69
4
108L
10K C.T.
3.2
1050
0.43
1.5
108N
10K C.T.
600 C.T.
1050
69
1.5
108P
10K C.T.
1.5K C.T.
1050
180
1.5
108T
10K C.T.
10K C.T.
1050
1200
1.5
Part
No.
Nominal
Impedance
Primary (1-3)
Secondary
(4-6)
D.C. Resistance
+/- 20%
Primary (1-3)
Secondary
(4-6)
Max D.C.
Unbalance
109E
600 C.T.
3.2
43
0.37
6
109F
600 C.T.
150 C.T.
43
15
6
109G
600 C.T.
250 C.T.
43
24
6
109H
600 C.T.
600 C.T.
43
60
6
109J
1K C.T.
600 C.T.
69
60
4.5
109K
1.5K C.T.
600 C.T.
105
60
4
109L
10K C.T.
3.2
700
0.37
1.5
109N
10K C.T.
600 C.T.
700
60
1.5
109R
10K C.T.
1.5K C.T.
700
150
1.5
109T
10K C.T.
10K C.T.
700
1000
1.5
3
1
4
6
PRI
SEC
5
2
3
1
4
6
PRI
SEC
5
2
3
1
4
6
PRI
SEC
5
2


Similar Part No. - 108H

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
108H HAMMOND-108H Datasheet
367Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
logo
Sanyo Semicon Device
108H3205-5110 SANYO-108H3205-5110 Datasheet
670Kb / 11P
   2-phase Stepping Motor
108H7121-0710 SANYO-108H7121-0710 Datasheet
670Kb / 11P
   2-phase Stepping Motor
108H7121-4910 SANYO-108H7121-4910 Datasheet
670Kb / 11P
   2-phase Stepping Motor
108H7123-0140 SANYO-108H7123-0140 Datasheet
670Kb / 11P
   2-phase Stepping Motor
More results

Similar Description - 108H

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
148D HAMMOND-148D Datasheet
395Kb / 2P
   P.C. BOARD MOUNT AUDIO TRANSFORMERS
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
   Low Voltage - P.C. Board Mount (183 Series)
611 HAMMOND-611 Datasheet
118Kb / 1P
   Pulse Open Frame P.C. Board Mount
11/8/2018
227T HAMMOND-227T Datasheet
278Kb / 1P
   Low Voltage - P.C. Board Mount (226-228 Series)
145J HAMMOND-145J Datasheet
376Kb / 2P
   LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
Littelfuse
153007 LITTELFUSE-153007 Datasheet
144Kb / 2P
   For MINI Fuses P.C. Board Mount Type
logo
Hammond Manufacturing L...
162D12 HAMMOND-162D12 Datasheet
260Kb / 2P
   LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
logo
Winchester Electronics ...
SD451-060-0046H WINCHESTER-SD451-060-0046H Datasheet
94Kb / 1P
   P.C MOUNT MCX JACK
SD451-060-0046J WINCHESTER-SD451-060-0046J Datasheet
76Kb / 1P
   P.C MOUNT MCX JACK
logo
Amphenol Corporation
222131 AMPHENOL-222131 Datasheet
44Kb / 1P
   F SERIES R/A P.C. MOUNT RECEPTACLE_
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com