Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP70A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 15KP70A
Description  Transient Voltage Supperssor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

15KP70A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  15KP70A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 15KP70A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 15KP70A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Reverse
Breakdown
Maximum
Maximum
Maximum
Max. Voltage
Part
Part
Stand Off
Voltage @ IT
Reverse Leakage
Clamping
Peak Pulse
Temperature
Number
Number
Voltage
@ VR
Voltage @ IPP
Current
Variation
(Uni-directional)
(Bi-directional)
VR
VBR (V)
IT
IR
VC
IPP
of VBR
(V)
Min.
(mA)
(
µA)
(V)
(A)
(mV/
°C)
15KP75
15KP75C
75
83.3
5.0
10
135
111
100
15KP75A
15KP75CA
75
83.3
5.0
10
122
123
89
15KP78
15KP78C
78
86.7
5.0
10
140
107
104
15KP78A
15KP78CA
78
86.7
5.0
10
126
119
93
15KP85
15KP85C
85
94.4
5.0
10
152
99
113
15KP85A
15KP85CA
85
94.4
5.0
10
137
109
102
15KP90
15KP90C
90
100
5.0
10
160
94
120
15KP90A
15KP90CA
90
100
5.0
10
146
103
110
15KP100
15KP100C
100
111
5.0
10
179
84
134
15KP100A
15KP100CA
100
111
5.0
10
162
93
123
15KP110
15KP110C
110
122
5.0
10
196
77
147
15KP110A
15KP110CA
110
122
5.0
10
178
84
133
15KP120
15KP120C
120
133
5.0
10
214
70
161
15KP120A
15KP120CA
120
133
5.0
10
193
78
146
15KP130
15KP130C
130
144
5.0
10
231
65
174
15KP130A
15KP130CA
130
144
5.0
10
209
72
158
15KP150
15KP150C
150
167
5.0
10
268
56
202
15KP150A
15KP150CA
150
167
5.0
10
243
62
184
15KP160
15KP160C
160
178
5.0
10
287
52
216
15KP160A
15KP160CA
160
178
5.0
10
259
58
196
15KP170
15KP170C
170
189
5.0
10
304
49
229
15KP170A
15KP170CA
170
189
5.0
10
275
55
208
15KP180
15KP180C
180
200
5.0
10
321
47
242
15KP180A
15KP180CA
180
200
5.0
10
287
52
220
15KP200
15KP200C
200
222
5.0
10
356
42
296
15KP200A
15KP200CA
200
222
5.0
10
325
46
274
15KP220
15KP220C
220
245
5.0
10
393
38
297
15KP220A
15KP220CA
220
245
5.0
10
347
43
273
15KP240
15KP240C
240
267
5.0
10
428
35
324
15KP240A
15KP240CA
240
267
5.0
10
387
39
300
Note:
Suffix " A " denotes 5% tolerance device , no suffix denotes a 10% tolerance device.
* Prefered Voltages.
Fig. 2 - Peak Pulse Power vs. Pulse Time
Fig. 3 - Typical Capacitance vs. Breakdown Voltage
td Pulse Time - sec
100ns
1
µs
10
µs
100
µs
1ms
10ms
1.0
10
100
1,000
10,000
1,000
10
1
1V
10V
100V
1,000V
VBR - Breakdown Voltage - Volts
Measued at
Stad-off Voltage
15KP SERIES
Transient Voltage Supperssor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 15KP70A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP70A EIC-15KP70A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP70A ETC2-15KP70A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
15KP70A MICROSEMI-15KP70A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
SUNMATE electronic Co.,...
15KP70A SUNMATE-15KP70A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Littelfuse
15KP70A LITTELFUSE-15KP70A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP70A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1.5KE75 NJSEMI-1.5KE75 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPERSSOR
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10CA SUNMATE-P6KE10CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE27A SUNMATE-P6KE27A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE30A SUNMATE-P6KE30A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE33CA SUNMATE-P6KE33CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com