Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1401C Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1401C
Description  20 GAUGE STEEL BODY PAINTED (RAL 7032)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1401C Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1401C Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM SIDE (OPEN)
SECTION Y-Y
REAR PANEL - VIEW FROM OUTSIDE
FRONT PANEL - VIEW FROM OUTSIDE
DETAIL Z
- 20 GAUGE STEEL BODY PAINTED (RAL 7032)
- EIGHT 6-32 NICKEL PLATED SCREWS
- 0.064" THICK ALUMINUM PANELS PAINTED ( FRONT PANEL
RAL 7011, REAR PANEL RAL 7032)
- FOUR SELF ADHESIVE RUBBER FEET
EXTRA SCREWS - 1421J6 (6-32 x 1/4 SHEET METAL SCREWS)
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
Y
Y
Z
1401C
Contact Factory
mjm@hammondmfg.com for quotes
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Solid models of this enclosure available in STEP or IGES.
6.35 mm
[0.250 in]
15.88 mm
[0.625 in]
203.20 mm
[8.000 in]
178.61 mm
[7.032 in]
169.06 mm
[6.656 in]
R10.74 mm
[0.423 in]
1.22 mm
[0.048 in]
n5.54 mm
[0.218 in]
114.30 mm
[4.500 in] 82.55 mm
[3.250 in]
20.65 mm
[0.813 in]
212.70 mm
[8.374 in]
3.18 mm
[0.125 in]
9.53 mm
[0.375 in]
22.30 mm
[0.878 in]
R2.44 mm
[0.096 in]
15.88 mm
[0.625 in]
15.88 mm
[0.625 in]
n2.95 mm
[0.116 in]
1.63 mm
[0.064 in]
226.21 mm
[8.906 in]
2.44 mm
[0.096 in]
0.76 mm
[0.030 in]
8.15 mm
[0.321 in]
69.85 mm
[2.750 in]
63.50 mm
[2.500 in]
200.81 mm
[7.906 in]
n5.16 mm
[0.203 in]
R10.32 mm
[0.406 in]
225.76 mm
[8.888 in]
172.24 mm
[6.781 in]
104.78 mm
[4.125 in]
203.20 mm
[8.000 in]
254.00 mm
[10.000 in]
197.26 mm
[7.766 in]


Similar Part No. - 1401C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1401 VISHAY-1401 Datasheet
51Kb / 1P
   Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
1401 VISHAY-1401 Datasheet
102Kb / 2P
   Bulk Metal® Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network
Revision 02-Mar-05
logo
Heyco.
1401 HEYCO-1401 Datasheet
95Kb / 1P
   Original Strain Relief Bushings
logo
List of Unclassifed Man...
1401-1 ETC2-1401-1 Datasheet
430Kb / 1P
   MICRO PINS
logo
Heyco.
14010 HEYCO-14010 Datasheet
147Kb / 1P
   Nylon Cable Tie Variations
More results

Similar Description - 1401C

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1402B HAMMOND-1402B Datasheet
387Kb / 1P
   - 12 GAUGE ALUMINUM BODY PAINTED (RAL 7032)
1415A HAMMOND-1415A Datasheet
206Kb / 1P
   ASA GREY POWDER PAINTED 0.036 20 GAUGE STEEL BODY
1401P HAMMOND-1401P Datasheet
230Kb / 1P
   0.064" THICK ALUMINUM PANELS PAINTED ( FRONT PANEL RAL 7011, REAR PANEL RAL 7032)
HFMD1686 HAMMOND-HFMD1686 Datasheet
111Kb / 1P
   PAINTED TEXTURED GRAY RAL 7035
HMET18168 HAMMOND-HMET18168 Datasheet
117Kb / 1P
   PAINTED TEXTURED GRAY RAL 7035
HMET22106 HAMMOND-HMET22106 Datasheet
153Kb / 1P
   PAINTED TEXTURED GRAY RAL 7035
HMESWF208 HAMMOND-HMESWF208 Datasheet
168Kb / 1P
   PAINTED TEXTURED GRAY RAL 7035
HMESWF228 HAMMOND-HMESWF228 Datasheet
94Kb / 1P
   PAINTED TEXTURED GRAY RAL 7035
HTCMS6 HAMMOND-HTCMS6 Datasheet
138Kb / 1P
   PAINTED TEXTURED GRAY RAL 7035
HMET20168 HAMMOND-HMET20168 Datasheet
118Kb / 1P
   PAINTED TEXTURED GRAY RAL 7035
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com