Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ160C Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 3.0SMCJ160C
Description  3000W peak pulse power capability with 10/1000關s waveform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

3.0SMCJ160C Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  3.0SMCJ160C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ160C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ160C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMCJ160C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.1 - PULSE DERATING CURVE
FIG.2 - TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - PULSE WAVEFORM
FIG.4 - PEAK PULSE POWER RATING CURVE
RATING AND CHARACTERISTIC CURVES ( 3.0SMCJ11C - 220CA )
80
60
40
20
120
100
10
0
0.1
1.0
td, PULSE WIDTH (
μs)
100
0.1
1.0
10
100
10ms
1ms
t, TIME(ms)
50
100
0
tr = 10
μs
Peak Value
IPPM
Half Value - IPPM
2
td
0
1.0
2.0
3.0
4.0
Ta=25
°C
Pulse Width (td) is defined
as that point where the peak
current decays to 50%
of IPPM
VRWM, REVERSE STAND-OFF VOLTAGE, (V)
10/1000
μs. Waveform
as defined by R.E.A.
10
4
10
2
10
3
10
10
100
5
500
Measured at
Stand-off Voltage
Voltage VWM
TJ = 25
°C
f = 1.0 MHz
Vsig = 50 mVP-P
Measured at
Zero Bias
3.0SMCJ Series
Surface Mount Transient Voltage Suppessor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 3.0SMCJ160C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ160C WTE-3.0SMCJ160C Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ160C WTE-3.0SMCJ160C Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ160C EIC-3.0SMCJ160C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
3.0SMCJ160C TAYCHIPST-3.0SMCJ160C Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
3.0SMCJ160CA DIOTEC-3.0SMCJ160CA Datasheet
163Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - 3.0SMCJ160C

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
3.0SMCJ_5.0_220A BWTECH-3.0SMCJ_5.0_220A Datasheet
595Kb / 7P
   3000W peak pulse power capability with a 10/1000us waveform
logo
AiT Semiconductor Inc.
SMDJ5.0CA AITSEMI-SMDJ5.0CA Datasheet
400Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER
REV1.0
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Shanghai Leiditech Elec...
ULC0502M3Q LEIDITECH-ULC0502M3Q Datasheet
1,018Kb / 6P
   100 Watts Peak Pulse Power per Line (tp=8/20關s)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com