Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1750V Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1750V
Description  TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1750V Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1750V Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1750V Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1750V Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
97
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Replacement - Tube Guitar Power (290 Series)
TUBE GUITAR AMPLIFIER - POWER
TRANSFORMERS
Designed for drop in replacement of original tube guitar amplifier power supply transformers.
Physically, parts were designed to look similar to original factory units (where possible).
For individual photos of each part - visit our website: www.hammondmfg.com
Part No.
Primary
Amplifier
Manufacturer
Amplifier
Model Names
Equivalent To
Mfg'ers Part
Number
290AX
290AEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Champ, Vibro Champ, Princeton,
Princeton Reverb, Tweed Deluxe
125P1B & 022772
290BX
290BEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Deluxe, Deluxe Reverb
125P23D & 041316
290CX
290CEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Vibrolux, Vibrolux Reverb, Tremolux
125P26A & 022723
290DX
290DEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Super Reverb, Pro Reverb, Bandmaster
Reverb, Tweed Bassman
125P5D & 022798
290EX
290EEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Bassman, Concert, Pro
125P7D & 022814
290FX
290FEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Twin Reverb, Dual Showman,
Bassman 100
125P34A & 022756
290GX
120/220/240VAC 50/60 Hz.
Marshall
JCM 800, JMP - 50 Watt
-
290HX
120/220/240VAC 50/60 Hz.
Marshall
JCM 800, JMP - 100 Watt
-
290KX
120/240VAC 50/60 Hz.
Marshall
JCM 900 - 50 Watt
290JX
120/240VAC 50/60 Hz.
Marshall
JCM 900 - 100 Watt
-
290LX
120/240VAC 50/60 Hz.
Marshall
JTM 45
-
290PX
120/240VAC 50/60 Hz.
VOX
AC15
-
290NX
100/120/220/230/240VAC 50/60 Hz.
VOX
AC30 Vintage
-
290MX
120/240VAC 50/60 Hz.
VOX
AC30 Reissue
-
DISCLAIMER: Hammond Mfg. is not affiliated with Fender Musical Instruments Corp., Marshall Amplification, Yorkville/Traynor or VOX Amplification companies. Amplifier
model names Bandmaster Reverb, Bassman, Bassman 100, Champ, Vibro Champ, Concert, Deluxe, Deluxe Reverb, Dual Showman, Princeton, Princeton Reverb, Pro,
Pro Reverb, Super Reverb, Tremolux, Tweed Bassman, Tweed Deluxe, Twin Reverb, Vibrolux & Vibrolux Reverb are all trademarks of Fender Musical Instruments Corp.


Similar Part No. - 1750V

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
1750 FLUKE-1750 Datasheet
2Mb / 8P
   Fluke 1750 Three-Phase Power Recorder
logo
Alpha Wire
1750 ALPHAWIRE-1750 Datasheet
97Kb / 4P
   Customer Specifications
12/8/2022
logo
MTU Onsite Energy Corpo...
1750-XC6DT2 MTU-1750-XC6DT2 Datasheet
551Kb / 4P
   DIESEL ENGINE-GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
logo
Renesas Technology Corp
1750-Z RENESAS-1750-Z Datasheet
545Kb / 11P
   MOS FIELD EFFECT POWER TRANSISTORS
1993
More results

Similar Description - 1750V

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1760C HAMMOND-1760C Datasheet
1Mb / 3P
   TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMER
logo
Analog Devices
RTM-1736 AD-RTM-1736_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1686 AD-STM1686_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
RTM-1696 AD-RTM-1696_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1697 AD-STM1697_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1687 AD-STM1687_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1696 AD-STM1696_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
STM1736 AD-STM1736_15 Datasheet
1Mb / 4P
   5VA OUTPUT TRANSFORMERS
logo
Bourns Electronic Solut...
PDB241-GNL BOURNS-PDB241-GNL_13 Datasheet
242Kb / 2P
   ?쏯o-Load??Guitar Potentiometer
PDB241-GTR BOURNS-PDB241-GTR_13 Datasheet
282Kb / 2P
   24 mm Guitar Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com