Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1645A Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1645A
Description  Push - Pull Audiophile - Output (1608-1650 A Series)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1645A Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1645A Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1645A Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
93
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Push - Pull Audiophile - Output (1608-1650 "A" Series)
Schematic - 1650G Only
Suggested Tube Types
Note: The above examples of possible combinations are to help you narrow down the choices of transformers for your favorite tube types. How
you operate the tubes (push-pull, push-pull parallel, ultra-linear, class, B+, bias, operating points, etc.) will change optimum plate to plate load
impedance. Only a few of the most popular tubes are shown. As more tubes become available we will add them to the list. A tube manual or tube
manufacturer'stechnicaldatasheetsshouldbeconsultedfirst,beforemakingadecisiononaproperoutputtransformer.
Schematic
All Parts Except 1645A, 1650E & 1650G
Part
Number
Audio Watts
(RMS)
Primary
Impedance
Operation
Tube Types
1608A
10
8,000 C.T.
Push-Pull (2 Tubes)
6AQ5, 6V6, 6BQ5, EL84, SV83
1609A
10
10,000 C.T.
Push-Pull (2 Tubes)
6AQ5, 6V6, 6BQ5, EL84, SV83
1615A
15
5,000 C.T.
Push-Pull (2 Tubes)
2A3, 6A3, 6AQ5, 6B4G, 6L6, 6V6
1650E
15
8,000 C.T.
Push-Pull (2 Tubes)
6AQ5, 6V6, 6BQ5, EL84, SV83
1620A
20
6,600 C.T.
Push-Pull (2 Tubes)
6AQ5, 6L6, 6V6
1650FA
25
7,600 C.T.
Push-Pull (2 Tubes)
6L6GC, 6V6, 807, 5881, EL34
1645A
30
5,000 C.T.
Push-Pull (2 Tubes)
6L6GC, 6V6, 807, 5881, EL34
1650G
35
6,600 C.T.
Push-Pull (2 Tubes)
6L6GC, 807, 5881, EL34
1650HA
40
6,600 C.T.
Push-Pull (2 Tubes)
6L6GC, 807, 5881, EL34
1650KA
50
3,400 C.T.
Push-Pull Par. (4 Tubes)
6L6GC, 807, 5881, EL34, 6146B, 6550B
1650NA
60
4,300 C.T.
Push-Pull Par. (2 or 4 Tubes)
6L6GC, 807, 5881, EL34, 6146B, 6550B, KT88
1650PA
60
6,600 C.T.
Push-Pull (2 Tubes)
6L6GC, 807, 5881, EL34, 6146B, 6550B, KT88
1650RA
100
5,000 C.T.
Push-Pull Par. (2 or 4 Tubes)
807, 5881, EL34, 6146B, 6550B, KT88
1650TA
120
1,900 C.T.
Push-Pull Par. (4 or 6 Tubes)
6L6GC, 5881, EL34, 6550B, KT88
1650WA
280
1,900 C.T.
Push-Pull Par. (6 or 8 Tubes)
6L6GC, 5881, EL34, 6550B, KT88
Brn
(Plate)
Blu/Yel
(Screen Gr)
Brn/Yel
(Screen Gr)
Blu
(Plate)
Blk (0 Ohm)
Grn (4 Ohm)
Yel (8 Ohm)
White (16 Ohm)
PRI
SEC
Red B+
Schematic - 1650E Only
Brn
(Plate)
Blu/Yel
(Screen Gr)
Brn/Yel
(Screen Gr)
Blu
(Plate)
Black (0 Ohm)
Grn (4 Ohm)
White (16 Ohm)
Org (70 V)
PRI
SEC
Red B+
Yel (8 Ohm)
Schematic
1645A Only
Brn
(Plate)
Blu/Yel
(Screen Gr)
Brn/Yel
(Screen Gr)
Blu
(Plate)
Blk (0 Ohm)
Blk/Red (4 Ohm)
Blk/Grn (8 Ohm)
Green (16 Ohm)
PRI
SEC
Red B+
Brn
(Plate)
Blu
(Plate)
Black (0 Ohm)
Org (3.5 Ohm)
Yel (16 Ohm)
Red/Yel (500 Ohm)
PRI
SEC
Red B+
Blk/Yel (250 Ohm)
Grn (8 Ohm)


Similar Part No. - 1645A

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
1645-440-AL RAF-1645-440-AL Datasheet
133Kb / 1P
   3/16 ROUND FEMALE STANDOFFS
logo
PHOENIX CONTACT
1645008 PHOENIX-1645008 Datasheet
61Kb / 4P
   Housing - HC-B 10-TFQ-72/O1STM25S
1645011 PHOENIX-1645011 Datasheet
85Kb / 3P
   HC-B 10-TFQ-72/O1STM32G
1645037 PHOENIX-1645037 Datasheet
81Kb / 3P
   HC-B 16-TFL-76/O1STM25S
1645040 PHOENIX-1645040 Datasheet
56Kb / 3P
   Housing - HC-B 16-TFL-76/O1STM32G
More results

Similar Description - 1645A

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
logo
Rhombus Industries Inc.
T-1034 RHOMBUS-IND-T-1034 Datasheet
40Kb / 1P
   PUSH - PULL SINGLE OUTPUT
logo
Hammond Manufacturing L...
125A HAMMOND-125A Datasheet
461Kb / 2P
   Push-Pull Output - General Purpose
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Maxim Integrated Produc...
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
   5V EconoReset with Push-Pull Output
041002
DS1815 MAXIM-DS1815 Datasheet
121Kb / 5P
   3.3V EconoReset with Push-Pull Output
041002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com