Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA2450LA06 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RA2450LA06
Description  Solid State Relays Industrial, 1-Phase ZS, Standard Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RA2450LA06 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RA2450LA06 Datasheet HTML 1Page - List of Unclassifed Manufacturers RA2450LA06 Datasheet HTML 2Page - List of Unclassifed Manufacturers RA2450LA06 Datasheet HTML 3Page - List of Unclassifed Manufacturers RA2450LA06 Datasheet HTML 4Page - List of Unclassifed Manufacturers RA2450LA06 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2-62
Specifications are subject to change without notice (28.02.2007)
RA 24.. .. 06, RA 44.. .. 08, RA 48.. .. 12
Rated isolation voltage
Input to output
≥ 4000 VACrms
Rated isolation voltage
Output to case
≥ 4000 VACrms
Insulation resistance
Input to output
≥ 1010
Insulation resistance
Ouput to case
≥ 1010
Insulation capacitance
Input to output
≤ 8 pF
Insulation capacitance
Output to case
≤ 100 pF
Isolation
Wiring Diagram
Functional Diagram
Control
input
Mains input/load output
Control
input
Line/load
All dimensions in mm
Dimensions
Load output/mains input
Weight
Approx. 110 g
Housing material
Noryl GFN 1, black
Base plate
10, 25, 50 A
Aluminium, nickel-plated
90 A
Copper, nickel-plated
Potting compound
Polyurethane
Relay
Mounting screws
M5
Mounting torque
≤ 1.5 Nm
Control terminal
Mounting screws
M3 x 6
Mounting torque
≤ 0.5 Nm
Power terminal
Mounting screws
M5 x 6
Mounting torque
≤ 2.4 Nm
Housing Specifications
** =
± 0.4 mm
*** =
± 0.5 mm
**
**
Accessories
Protection cover
Heatsinks
DIN rail adapter
Varistors
Fuses
For further information refer
to "General Accessories".


Similar Part No. - RA2450LA06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RA2400 ETC-RA2400 Datasheet
661Kb / 1P
   RESISTORS ASSEMBLIES
logo
Wall Industries,Inc.
RA2405DUW8 WALL-RA2405DUW8 Datasheet
461Kb / 11P
   8 W DC-DC Converter
RA2415UW8 WALL-RA2415UW8 Datasheet
411Kb / 11P
   8 W DC-DC Converter
RA2415UW8F WALL-RA2415UW8F Datasheet
332Kb / 11P
   8W DC-DC Converter
logo
Okaya Electric America,...
RA242MC6 OKAYA-RA242MC6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - RA2450LA06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
   Solid State Relays Industrial, 1-Phase ZS w. LED
RAM1A ETC2-RAM1A Datasheet
107Kb / 5P
   SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
   Solid State Relays Industrial, 3-Phase ZS Type RZ3A
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RP1A ETC2-RP1A Datasheet
49Kb / 3P
   Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
   Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
   Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
SVT967360 CELDUC-SVT967360 Datasheet
135Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com