Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61-12300 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 61-12300
Description  Choose one component from each of the colored sections to assemble a complete switch.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

61-12300 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  61-12300 Datasheet HTML 1Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 2Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 3Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 4Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 5Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 6Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 7Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 8Page - List of Unclassifed Manufacturers 61-12300 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
63
EAO Switch Condensed Catalog 100
Red
Yellow
Green
Blue
Clear
Red
Yellow
Green
Blue
White
Red
Yellow
Green
Blue
White
61-9331.2
18 x 24mm
61-9331.4
18 x 24mm
61-9331.5
18 x 24mm
61-9331.6
18 x 24mm
61-9331.7
18 x 24mm
Red
Yellow
Green
Blue
Clear
10-2J09.1062
12VAC/DC, 7/14mA
10-2J09.1064
12VAC/DC, 7/14mA
10-2J09.1065
12VAC/DC, 4/7mA
10-2J09.1066
12VAC/DC, 7/14mA
10-2J09.1069
12VAC/DC, 7/14mA
10-2J13.1062
28VAC/DC, 7/14mA
10-2J13.1064
28VAC/DC, 7/14mA
10-2J13.1065
28VAC/DC, 4/7mA
10-2J13.1066
28VAC/DC, 7/14mA
10-2J13.1069
28VAC/DC, 7/14mA
Color
Part No.
Voltage
LED, T-13/4 MG, single chip, 12 Volt and 28 Volt.
Also available in 6 Volt, 24 Volt and 48 Volt
Color
Part No.
Size
Lens, transparent with white diffuser,
plastic for raised, rectangular indicator
and pushbutton actuators
61-9351.2
24 x 24mm
61-9351.4
24 x 24mm
61-9351.5
24 x 24mm
61-9351.6
24 x 24mm
61-9351.7
24 x 24mm
Color
Part No.
Size
Lens, transparent with white diffuser,
plastic for raised, square indicator
and pushbutton actuators
61-8410.12
1NO
Silver
61-8410.22
1NO
Gold
61-8420.12
2NO
Silver
61-8420.22
2NO
Gold
61-8470.12
1NO/1NC
Silver
61-8470.22
1NO/1NC
Gold
Part No.
Contact type
Contact material
Contact block for pushbuttons and 2 position
keylock and selector switches, snap-action,
QC/solder terminals
1
61-8755.11
2NC
Silver
Screw
2
61-8755.17
2NC
Silver
QC/solder
1
61-8775.11 1NO/1NC
Silver
Screw
2
61-8775.17 1NO/1NC
Silver
QC/solder
Image
Part No.
Contact type Contact material Terminal
Emergency-stop contact block, slow make
61-8520.12
2NO
Silver
61-8520.22
2NO
Gold
Part No.
Contact type
Contact material
Contact block, 3 position keylock
and selector switch, snap-action,
QC/solder terminals
Contact block
For complete switch also order
For complete switch also order
For complete switch also order
LED
Accessories
A
12
Series 61
16mm
22.5mm
21 x 21mm
21 x 27mm
IP65
5A
250VAC
LED
ACCESSORIES
BLOCK
A
Choose one component from each of the colored sections to assemble a complete switch.
For other options or further information please contact EAO Switch directly.


Similar Part No. - 61-12300

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
61-12-1CE OENINDIA-61-12-1CE Datasheet
73Kb / 1P
   SUB MINIATURE POWER RELAY
61-12-1CE-XXX OENINDIA-61-12-1CE-XXX Datasheet
302Kb / 1P
   SUB MINIATURE POWER RELAY
logo
HARTING Technology Grou...
61-12-203-0007-00 HARTING-61-12-203-0007-00 Datasheet
630Kb / 3P
   Han Power T multi Han Q4/2
2021-10-01
More results

Similar Description - 61-12300

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B512-2T CRYDOM-B512-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B512FSE-2T CRYDOM-B512FSE-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
STMicroelectronics
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
   The need to choose a high value of the fly-back voltage
logo
Crydom Inc.,
B612-2T CRYDOM-B612-2T Datasheet
788Kb / 4P
   Eight Circuits to Choose from
logo
Extech Instruments Corp...
TL806 EXTECH-TL806 Datasheet
230Kb / 1P
   Choose the size of alligator clips
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
Texas Instruments
ADS5282EVM TI-ADS5282EVM Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
ATMEL Corporation
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com