Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD632BDZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD632BDZ
Description  Internally Trimmed Precision IC Multiplier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632BDZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD632BDZ Datasheet HTML 3Page - Analog Devices AD632BDZ Datasheet HTML 4Page - Analog Devices AD632BDZ Datasheet HTML 5Page - Analog Devices AD632BDZ Datasheet HTML 6Page - Analog Devices AD632BDZ Datasheet HTML 7Page - Analog Devices AD632BDZ Datasheet HTML 8Page - Analog Devices AD632BDZ Datasheet HTML 9Page - Analog Devices AD632BDZ Datasheet HTML 10Page - Analog Devices AD632BDZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD632
Data Sheet
Rev. D | Page 6 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration, H-Package, TO-100
Figure 3. Pin Configuration, D-Package, SBDIP
Table 3. Pin Function Descriptions, 10-Pin TO-100
Pin No.
Mnemonic
Description
1
Y1
Y Multiplicand Noninverting Input.
2
+VS
Positive Supply Voltage.
3
Z1
Summing Node Noninverting Input.
4
OUT
Product.
5
−VS
Negative Supply Voltage.
6
X1
X Multiplicand Noninverting Input.
7
X2
X Multiplicand Inverting Input.
8
Z2
Summing Node Inverting Input.
9
VOS
Offset Voltage Adjustment.
10
Y2
Y Multiplicand Inverting Input.
Table 4. Pin Function Descriptions, 14-Lead SBDIP
Pin No.
Mnemonic
Description
1
Z1
Summing Node Noninverting Input.
2
OUT
Product.
3
−VS
Negative Supply Voltage.
4, 5, 6, 8
NC
No Connection. Do not connect to
this pin.
7
X1
X Multiplicand Noninverting Input.
9
X2
X Multiplicand Noninverting Input.
10
Z2
Summing Node Inverting Input.
11
VOS
Offset Voltage Adjustment.
12
Y2
Y Multiplicand Inverting Input.
13
Y1
Y Multiplicand Noninverting Input.
14
+VS
Positive Supply Voltage.
VOS
Z2 (GND)
Y2
–VS
Z1
OUT
+VS
Y1
X2
X1
6
7
8
9
10
3
4
2
1
5
(Not to Scale)
AD632
1
2
3
4
+VS
14
Y1
13
Y2
12
VOS
11
5
Z2
10
6
X2
9
Z1
OUT
–VS
NC
NC
NC
X1 7
NC
8
NC = NO CONNECT
AD632
TOP VIEW
(Not to Scale)


Similar Part No. - AD632BDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632BD AD-AD632BD Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
More results

Similar Description - AD632BDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com