Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD632BHZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD632BHZ
Description  Internally Trimmed Precision IC Multiplier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632BHZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD632BHZ Datasheet HTML 4Page - Analog Devices AD632BHZ Datasheet HTML 5Page - Analog Devices AD632BHZ Datasheet HTML 6Page - Analog Devices AD632BHZ Datasheet HTML 7Page - Analog Devices AD632BHZ Datasheet HTML 8Page - Analog Devices AD632BHZ Datasheet HTML 9Page - Analog Devices AD632BHZ Datasheet HTML 10Page - Analog Devices AD632BHZ Datasheet HTML 11Page - Analog Devices AD632BHZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
AD632
Rev. D | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
Typical @ 25°C with ±VS = 15 V.
Figure 4. AC Feedthrough vs. Frequency
Figure 5. Frequency Response as a Multiplier
Figure 6. Frequency Response vs. Divider Denominator Input Voltage
1000
0.1
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
100
10
1
Y FEEDTHROUGH
X FEEDTHROUGH
–30
10k
10M
FREQUENCY (Hz)
100k
1M
0
–10
–20
CL = 0pF
CL = 1000pF
NORMAL
CONNECTION
CL ≤ 1000pF
CF ≤ 200pF
WITH ×10
FEEDBACK
ATTENUATOR
CL ≤ 1000pF
CF = 0pF
0dB = 0.1V rms, RL = 2kΩ
40
20
0
–20
1k
10M
FREQUENCY (Hz)
10k
100k
1M
VX = 100mV DC
VZ = 10mV rms
VX = 1V DC
VZ = 100mV rms
VX = 10V DC
VZ = 1V rms
0dB = 1V rms, RL = 2kΩ


Similar Part No. - AD632BHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD632BH AD-AD632BH Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
More results

Similar Description - AD632BHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com