Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1012 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1012
Description  Micropower Thermocouple Cold Junction Compensator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 2 Page - Linear Technology

  LT1012 Datasheet HTML 1Page - Linear Technology LT1012 Datasheet HTML 2Page - Linear Technology LT1012 Datasheet HTML 3Page - Linear Technology LT1012 Datasheet HTML 4Page - Linear Technology LT1012 Datasheet HTML 5Page - Linear Technology LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1025
1025fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Error at
TJ = 25°C
10mV/
°C Output (Notes 4, 5)
LT1025A
0.3
0.5
°C
LT1025
0.5
2.0
°C
Full Temperature Span
q
See Curve
Resistor Divider Accuracy
VOUT = 10mV/°C
(Notes 2, 4)
LT1025A
E
60.6
60.9
61.3
µV/°C
J
51.4
51.7
52.1
µV/°C
K, T
40.3
40.6
41.0
µV/°C
R, S
5.8
5.95
6.2
µV/°C
LT1025
E
60.4
60.9
61.6
µV/°C
J
51.2
51.7
52.3
µV/°C
K, T
40.2
40.6
41.2
µV/°C
R, S
5.75
5.95
6.3
µV/°C
Supply Current
4V
≤ VIN ≤ 36V
50
80
100
µA
LT1025AC, LT1025C
q
50
150
µA
LT1025AM, LT1025M
q
200
µA
Line Regulation (Note 3)
4V
≤ VIN ≤ 36V
q
0.003
0.02
°C/V
Load Regulation (Note 3)
0
≤ IO ≤ 1mA
q
0.04
0.2
°C
Divider Impedance
E
2.5
k
J
2.1
k
K, T
4.4
k
R, S
3.8
k
Change in Supply Current
4V
≤ VIN ≤ 36V
0.01
0.05
µA/V
(Note 1)
Input Supply Voltage .......................................... 36V
Output Voltage (Forced) ........................................ 5V
Output Short-Circuit Duration ..................... Indefinite
Operating Temperature Range
LT1025AC, LT1025C ............................ 0
°C to 70°C
LT1025AM, LT1025M .................. – 55
°C to 125°C
Storage Temperature Range ............ – 55
°C to 150°C
The q denotes the specifications which apply over the full operating
temperature range, otherwise specificatons are at TA = 25°C. VS = 5V, Pin 5 tied to Pin 4, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: Divider accuracy is measured by applying a 10.000V signal to the
output divider and measuring the individual outputs.
Note 3: Regulation does not include the effects of self-heating. See
“Internal Temperature Rise” in Application Guide. Load regulation is
30
µA ≤ IO ≤ 1mA for TA ≤ 0°C.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Note 4: To calculate total temperature error at individual thermocouple
outputs, add 10mV/
°C output error to the resistor divider error. Total error
for type K output at 25
°C with an LT1025A is 0.5°C plus (0.4µV/°C)(25°C)/
(40.6
µV/°C) = 0.5°C + 0.25°C = 0.75°C.
Note 5: Temperature error is defined as the deviation from the following
formula: VOUT = 10mV(T) + (10mV)(5.5 • 10
-4)(T – 25
°C)2. The second
term is a built-in nonlinearity designed to help compensate the nonlinearity
of the
cold junction. This “bow” is
≈0.34°C for a 25°C temperature change.
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
J
51.7
µV/°C
K, T
40.6
µV/°C
R, S
6
µV/°C
R
COMMON
E
60.9
µV/°C
VIN
VO
10mV/
°C
GND
ORDER PART
NUMBER
LT1025ACN8
LT1025CN8
LT1025CS8
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W
LT1025AMJ8
LT1025MJ8
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
Consult LTC Marketing for parts specified with wider operating temperature ranges.
S8 PART MARKING
1025


Similar Part No. - LT1012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1012 LINER-LT1012 Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
LT1012 LINER-LT1012 Datasheet
335Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012 LINER-LT1012 Datasheet
345Kb / 20P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
LT1012 LINER-LT1012 Datasheet
558Kb / 24P
   Dual Serial 18-Bit SoftSpan IOUT DACs
LT1012A LINER-LT1012A Datasheet
871Kb / 12P
   Picoamp Input Current, Microvolt Offset, Low Noise Op Amp???
More results

Similar Description - LT1012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
logo
Analog Devices
AC1226 AD-AC1226_15 Datasheet
395Kb / 4P
   MICROPOWER THERMOCOUPLE COLD JUNCTION COMPENSATOR
REV. A
AC1226 AD-AC1226 Datasheet
374Kb / 4P
   Micropower Thermocouple Cold Junction Compensator
logo
Linear Technology
LT1025 LINER-LT1025_03 Datasheet
193Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
LT1025 LINER-LT1025 Datasheet
656Kb / 8P
   Micropower Thermocouple Cold Junction Compensator
logo
List of Unclassifed Man...
2B56 ETC1-2B56 Datasheet
37Kb / 1P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Intronics Power, Inc.
2B56 INTRONICS-2B56 Datasheet
1Mb / 4P
   High Accuracy, Thermocouple Cold Junction Compensator
logo
Linear Technology
LTK001 LINER-LTK001_09 Datasheet
105Kb / 8P
   Thermocouple Cold Junction Compensator and Matched Amplifier
LTK001 LINER-LTK001 Datasheet
286Kb / 4P
   Thermocouple Cold Junction Compensator and Matched Amplifier
LTK001 LINER-LTK001_15 Datasheet
110Kb / 8P
   Thermocouple Cold Junction Compensator and Matched Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com