Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8050 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # PE8050
Description  NPN-PNP General Purpose Complementary Amplifiers & Output Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PE8050 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button PE8050 Datasheet HTML 2Page - Fairchild Semiconductor PE8050 Datasheet HTML 3Page - Fairchild Semiconductor PE8050 Datasheet HTML 4Page - Fairchild Semiconductor PE8050 Datasheet HTML 5Page - Fairchild Semiconductor PE8050 Datasheet HTML 6Page - Fairchild Semiconductor PE8050 Datasheet HTML 7Page - Fairchild Semiconductor PE8050 Datasheet HTML 8Page - Fairchild Semiconductor PE8050 Datasheet HTML 9Page - Fairchild Semiconductor PE8050 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image


Similar Part No. - PE8050

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PE80 EDI-PE80 Datasheet
69Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Pasternack Enterprises,...
PE8000-50 PASTERNACK-PE8000-50 Datasheet
447Kb / 3P
   Zero Biased Detector With 50 Ohm BNC Male to BNC Female Video Out Operating From 0.1 MHz to 1,000 MHz
PE8000-75 PASTERNACK-PE8000-75 Datasheet
113Kb / 1P
   75 OHM BNC MALE TO OHM BNC FEMALE DETECTOR, FREQUENCY RANGE:100 KHz=1,000 MHz
PE8001 PASTERNACK-PE8001 Datasheet
245Kb / 3P
   Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
PE8001-P PASTERNACK-PE8001-P Datasheet
245Kb / 3P
   Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 500 MHz to 1,000 MHz
More results

Similar Description - PE8050

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMDT3946 PANJIT-MMDT3946 Datasheet
216Kb / 6P
   COMPLEMENTARY NPN / PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Micro Electronics
MPS6530 MICRO-ELECTRONICS-MPS6530 Datasheet
133Kb / 2P
   COMPLEMENTARY SILICON GENERAL PURPOSE AMPLIFIERS & SWITCHES
2N5368 MICRO-ELECTRONICS-2N5368 Datasheet
86Kb / 1P
   COMPLEMENTARY SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
New Jersey Semi-Conduct...
2N3644 NJSEMI-2N3644 Datasheet
277Kb / 2P
   PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
logo
ON Semiconductor
HN1B01FDW1T1 ONSEMI-HN1B01FDW1T1 Datasheet
55Kb / 6P
   Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount
March, 2005 ??Rev. 2
logo
NTE Electronics
NTE2320 NTE-NTE2320 Datasheet
24Kb / 3P
   Silicon NPN/PNP Transistor Quad, General Purpose Switch, Amp (Complementary Pair)
logo
Fairchild Semiconductor
MPS3392 FAIRCHILD-MPS3392 Datasheet
661Kb / 16P
   NPN Small Signal General Purpose Amplifiers
2N718A FAIRCHILD-2N718A Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
NTE Electronics
NTE210 NTE-NTE210 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver
logo
New Jersey Semi-Conduct...
2N3567 NJSEMI-2N3567 Datasheet
143Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com