Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT124XCN8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT124XCN8
Description  High Speed Current Mode Pulse Width Modulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT124XCN8 Datasheet(HTML) 3 Page - Linear Technology

  LT124XCN8 Datasheet HTML 1Page - Linear Technology LT124XCN8 Datasheet HTML 2Page - Linear Technology LT124XCN8 Datasheet HTML 3Page - Linear Technology LT124XCN8 Datasheet HTML 4Page - Linear Technology LT124XCN8 Datasheet HTML 5Page - Linear Technology LT124XCN8 Datasheet HTML 6Page - Linear Technology LT124XCN8 Datasheet HTML 7Page - Linear Technology LT124XCN8 Datasheet HTML 8Page - Linear Technology LT124XCN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1241 Series
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Section
Output Voltage High Level
VPIN2 = 2.3V, RL = 15k to GND
q
5
5.6
V
Output Voltage Low Level
VPIN2 = 2.7V, RL = 15k to Pin 8
q
0.2
1.1
V
Current Sense Section
Gain
q
2.85
3.00
3.15
V/V
Maximum Current Sense Input Threshold
VPIN3 < 1.1V
q
0.90
1.00
1.10
V
Power Supply Rejection Ratio
q
70
dB
Input Bias Current
q
–1
10
µA
Delay to Output
q
50
100
ns
Blanking Time
100
ns
Blanking Override Voltage
1.5
V
Output Section
Output Low Level
IOUT = 20mA
q
0.25
0.4
V
IOUT = 200mA
q
0.75
2.2
V
Output High Level
IOUT = 20mA
q
12.0
V
IOUT = 200mA
q
11.75
V
Rise Time
CL = 1nF, TJ = 25°C50
80
ns
Fall Time
CL = 1.0nF, TJ = 25°C30
60
ns
Output Clamp Voltage
IO = 1mA
q
18
19.5
V
Undervoltage Lockout
Start-Up Threshold
LT1241
q
9.0
9.6
10.2
V
LT1242/LT1244
q
15
16
17
V
LT1243/LT1245
q
7.8
8.4
9.0
V
Minimum Operating Voltage
LT1241/LT1243/LT1245
q
7.0
7.6
8.2
V
LT1242/LT1244
q
9.0
10
11
V
Hysteresis
LT1241
1.6
2.0
V
LT1242/LT1244
5.5
6.0
V
LT1243/LT1245
0.4
0.8
V
PWM
Maximum Duty Cycle
LT1241/LT1244/LT1245
TJ = 25°C46
48
%
LT1242/LT1243
TJ = 25°C94
96
%
Minimum Duty Cycle
q
0%
Total Device
Start-Up Current
q
170
250
µA
Operating Current
q
710
mA
The q denotes those specifications which apply over the full operating
temperature range.
Note 1: Unless otherwise specified, VCC = 15V, RT = 10k, CT = 3.3nF.
(Notes 1, 2)
ELECTRICAL C
C
HARA TERISTICS
Note 2: Low duty cycle pulse techniques are used during test to maintain
junction temperature close to ambient.


Similar Part No. - LT124XCN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT124XCN8 LINER-LT124XCN8 Datasheet
331Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XCN8 LINER-LT124XCN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XCN8 LINER-LT124XCN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XCN8 LINER-LT124XCN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT124XCN8 LINEAR-LT124XCN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results

Similar Description - LT124XCN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1244IN8 LINER-LT1244IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244IS8 LINER-LT1244IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244CN8 LINER-LT1244CN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1241 LINER-LT1241 Datasheet
331Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1241IS8 LINEAR-LT1241IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com